Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD532 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD532
Descripción Electrónicos  Internally Trimmed Integrated Circuit Multiplier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD532 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD532_15 Datasheet HTML 6Page - Analog Devices AD532_15 Datasheet HTML 7Page - Analog Devices AD532_15 Datasheet HTML 8Page - Analog Devices AD532_15 Datasheet HTML 9Page - Analog Devices AD532_15 Datasheet HTML 10Page - Analog Devices AD532_15 Datasheet HTML 11Page - Analog Devices AD532_15 Datasheet HTML 12Page - Analog Devices AD532_15 Datasheet HTML 13Page - Analog Devices AD532_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD532
Rev. D | Page 9 of 16
4
6
8
10
14
12
10
22
20
18
16
14
12
POWER SUPPLY VOLTAGE (V)
SATURATED OUTPUT
SWING
MAX X OR Y INPUT
FOR 1% LINEARITY
Figure 12. Signal Swing vs. Supply
5
0
1
2
3
4
10
100k
10k
1k
100
FREQUENCY (Hz)
Figure 13. Spot Noise vs. Frequency


Número de pieza similar - AD532_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5320 AD-AD5320 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5320 AD-AD5320 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5320 AD-AD5320 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results

Descripción similar - AD532_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
Motorola, Inc
MC3419-1 MOTOROLA-MC3419-1 Datasheet
1Mb / 16P
   SUBSCRIBER LOOP INTERFACE CIRCUIT(SLIC) BIPOLASER-TRIMMED INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com