Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-012UT Datasheet(PDF) 1 Page - Rohm

No. de pieza SML-012UT
Descripción Electrónicos  Reflector type (3.0횞2.0mm, t=1.3mm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-012UT Datasheet(HTML) 1 Page - Rohm

  SML-012UT Datasheet HTML 1Page - Rohm SML-012UT Datasheet HTML 2Page - Rohm SML-012UT Datasheet HTML 3Page - Rohm SML-012UT Datasheet HTML 4Page - Rohm SML-012UT Datasheet HTML 5Page - Rohm SML-012UT Datasheet HTML 6Page - Rohm SML-012UT Datasheet HTML 7Page - Rohm SML-012UT Datasheet HTML 8Page - Rohm SML-012UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
lFeatures
lOutline
• Reflector type (3.0×2.0mm, t=1.3mm)
and luminous intensity to the front direction
lSize
1006 (0402)
1.0×0.6mm (t=0.2mm)
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Max.
VR Min.*2 Typ. Max.*2 IF
Min. Typ.
IF
(V)
(mA) (mA)
(V)
(nm) (nm) (nm) (mA) (mcd) (mcd) (mA)
SML-012VT(A)
2.0
626
636
35.5 71
SML-012V8T
2.2
625
635
25
63
SML-013UT
2.0
619 624 629
90 220
SML-012U8T
2.2
40 100
SML-012UT
36 100
SML-011UT
22
63
SML-012D8T
2.2
63 160
SML-012DT
36 100
SML-011DT
22
63
SML-012Y8T
2.2
40 100
SML-013YT
2.1
100 250
SML-012YT
36 100
SML-011YT
22
63
SML-012M8T
569 572 575
16
40
SML-012P8T
557
563
2.5 6.3
SML-012PT(A)
2.1
558
564
9
18
*
1:Duty1/10, 1kHz *2:Reference
630
615
602 605 608
587 590 593
620 625
-
40 to +85
-
40 to +100
-
40 to +100
2.0
2.0
2.0
2.2
-
40 to +85
-
40 to +100
-
40 to +85
-
40 to +100
-
40 to +100
-
40 to +85
-
30 to +85
-
40 to +85
-
40 to +100
54
75
75
54
75
60*
1
100*
1
5
30
20
30
20
30
20
20
30
30
20
10
5
20
AIGaInP
on GaAs
Red
Orange
Yellow
75
75
54
54
54
560
62
Green
25
Part No.
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Emitting
Power
Forward Peak Forward Reverse
Operating Temp.
Storage Temp.
Forward Voltag VF Reverse Current IR
Dominant Wavelength lD Luminous Intensity IV
SML-01 series
Reflector improved the concentration of viewing angle
Yellowish
Green
20
Color
IFP(mA)
Current
VR(V)
Voltage
Dissipation
Current
PD(mW) IF(mA)
Topr(ºC)
Tstg(ºC)
20
(unit : mm)
Tolerance : 0.2
(unit : mm)
3020 (1208)
3.0×2.0mm (t=1.3mm)
Color
Type
V
U
D
Y
P
M
3.0
2.3
1.6
1.3
0.5
0.3
2-R0.3
Electrode
+0.2
-0.1
Through Hole
Cathode Index
1/9
2013.08 - Rev.C


Número de pieza similar - SML-012UT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-012UT ROHM-SML-012UT Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML-012UT ROHM-SML-012UT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012UT ROHM-SML-012UT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012UT ROHM-SML-012UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Descripción similar - SML-012UT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML-010MTT87 ROHM-SML-010MTT87 Datasheet
497Kb / 10P
   Reflector type (3.0횞2.0mm, t1.3mm)
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
logo
List of Unclassifed Man...
SPMWHT520AN2BAA0S0 ETC2-SPMWHT520AN2BAA0S0 Datasheet
1Mb / 18P
   Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Maxim Integrated Produc...
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com