Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD746 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD746
Descripción Electrónicos  Dual Precision, 500 ns Settling, BiFET Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD746 Datasheet(HTML) 7 Page - Analog Devices

  AD746_15 Datasheet HTML 1Page - Analog Devices AD746_15 Datasheet HTML 2Page - Analog Devices AD746_15 Datasheet HTML 3Page - Analog Devices AD746_15 Datasheet HTML 4Page - Analog Devices AD746_15 Datasheet HTML 5Page - Analog Devices AD746_15 Datasheet HTML 6Page - Analog Devices AD746_15 Datasheet HTML 7Page - Analog Devices AD746_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD746
REV. B
–7–
Table I. Performance Summary for the 3 Op Amp
Instrumentation Amplifier Circuit
TSETTLE
Gain
RG
Bandwidth
(0.01%)
2
20 k
2.5 MHz
1.0
µs
10
4.04 k
1 MHz
2.0
µs
100
404
290 kHz
5.0
µs
Figure 25. Settling Time of the 3 Op
Amp Instrumentation Amplifier.
Gain = 10, Horizontal Scale: 0.5
µs/Div,
Vertical Scale: 5 V/Div.
Error Signal Scale: 0.01%/Div.
THD Performance Considerations
The AD746 was carefully optimized to offer excellent
performance in terms of total harmonic distortion (THD) in
signal processing applications. The THD level when operating
the AD746 in inverting gain applications will show a gradual
rise from the distortion floor of 20 dB/decade (see Figure 28).
In noninverting applications, care should be taken to balance
the source impedances at both the inverting and noninverting
inputs, to avoid distortion caused by the modulation of input
capacitance inherent in all BiFET op amps.
Figure 26. THD Measurement, Inverter Circuit
Figure 27. THD Measurement, Follower Circuit
A HIGH SPEED 3 OR AMP INSTRUMENTATION
AMPLIFIER CIRCUIT
The instrumentation amplifier circuit shown in Figure 23 can
provide a range of gains from 2 up to 1000 and higher. The
circuit bandwidth is 2.5 MHz at a gain of 2 and 750 kHz at a
gain of 10; settling time for the entire circuit is less than 2
µs to
within 0.01% for a 10 volt step, (G = 10).
Figure 23. A High Performance, 3 Op Amp, Instrumenta-
tion Amplifier Circuit
Figure 24. Pulse Response of the 3
Op Amp Instrumentation Amplifier.
Gain = 10, Horizontal Scale:
0.5
µs/Div, Vertical Scale: 5 V/Div.


Número de pieza similar - AD746_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7466 AD-AD7466 Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7466 AD-AD7466 Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466 AD-AD7466 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
AD7466BRM AD-AD7466BRM Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7466BRM AD-AD7466BRM Datasheet
585Kb / 28P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results

Descripción similar - AD746_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD746AN AD-AD746AN Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
431Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746 AD-AD746 Datasheet
428Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD746JRZ AD-AD746JRZ Datasheet
396Kb / 8P
   Dual Precision, 500 ns Settling, BiFET Op Amp
REV. B
AD744JRZ AD-AD744JRZ Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744_15 Datasheet
471Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744 Datasheet
470Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD744 AD-AD744_V01 Datasheet
562Kb / 15P
   Precision, 500 ns Settling BiFET Op Amp
Rev. D
AD744AR AD-AD744AR Datasheet
459Kb / 12P
   Precision, 500 ns Settling BiFET Op Amp
REV. C
AD648 AD-AD648 Datasheet
335Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com