Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMK316B7153KLHT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza SMK316B7153KLHT
Descripción Electrónicos  Medium-High Voltage MLCC for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

SMK316B7153KLHT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  SMK316B7153KLHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc SMK316B7153KLHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
13QA01
RoHS compliance product
SMK316B7153KLHT
630V 3216 X7R 0.015uF +/- 10% t=1.8mmMAX
630V 1206 X7R 0.015uF +/- 10% t=0.071inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
SMK316B7153KLHT
Capacitance Freq.
0.001
0.01
0.1
1
10
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
SMK316B7153KLHT
DC Bias Char.
-100
-80
-60
-40
-20
0
20
0
100
200
300
400
500
600
DC Bias Voltage[V]
SMK316B7153KLHT
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
ESR
Z
SMK316B7153KLHT
Capacitance Temp.
-30
-20
-10
0
10
-55 -35 -15
5
25
45 65
85 105 125
Temperature[degreeC]
SMK316B7153KLHT
Ripple Current
1
10
100
00.5
11.5
Ripple Current[Arms]
10kHz
100kHz
1M Hz


Número de pieza similar - SMK316B7153KLHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
SMK316B7153KL-T TAIYO-YUDEN-SMK316B7153KL-T Datasheet
315Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
SMK316B7153KL8T TAIYO-YUDEN-SMK316B7153KL8T Datasheet
403Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Descripción similar - SMK316B7153KLHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
QMK316B7683MLHT TAIYO-YUDEN-QMK316B7683MLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
SMK316B7223KLHT TAIYO-YUDEN-SMK316B7223KLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
SMK325B7223KNHT TAIYO-YUDEN-SMK325B7223KNHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
SMK432B7104MMHT TAIYO-YUDEN-SMK432B7104MMHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
QMK325B7224KNHT TAIYO-YUDEN-QMK325B7224KNHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK107B7102KAHT TAIYO-YUDEN-HMK107B7102KAHT Datasheet
288Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK107B7682KAHT TAIYO-YUDEN-HMK107B7682KAHT Datasheet
288Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK212B7223KGHT TAIYO-YUDEN-HMK212B7223KGHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK316B7104MLHT TAIYO-YUDEN-HMK316B7104MLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK316B7473KLHT TAIYO-YUDEN-HMK316B7473KLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK325B7105KNHT TAIYO-YUDEN-HMK325B7105KNHT Datasheet
290Kb / 2P
   Medium-High Voltage MLCC for Automotive
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com