Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1803 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD1803
Descripción Electrónicos  Modem/Telephony Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 3 Page - Analog Devices

  AD1803_15 Datasheet HTML 1Page - Analog Devices AD1803_15 Datasheet HTML 2Page - Analog Devices AD1803_15 Datasheet HTML 3Page - Analog Devices AD1803_15 Datasheet HTML 4Page - Analog Devices AD1803_15 Datasheet HTML 5Page - Analog Devices AD1803_15 Datasheet HTML 6Page - Analog Devices AD1803_15 Datasheet HTML 7Page - Analog Devices AD1803_15 Datasheet HTML 8Page - Analog Devices AD1803_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD1803
Rev. A | Page 3 of 32
SPECIFICATIONS
TEST CONDITIONS
Test conditions for the AD1803 are as follows, unless otherwise noted.
General Test Conditions
Temperature at 25°C
Digital supply at 3.3 V/5 V
Analog supply at 3.3 V/5 V
Sample rate (fS) at 8 kHz
Input signal at 1008 Hz
Analog output pass band at 20 Hz to 4 kHz
ADC FFT size at 512
DAC FFT size at 4096
VIH @ 2.1 V
VIL @ 1.2 V
VOH @ 2.9 V
VOL @ 0.3 V
IOH @ −2.0 mA
IOL @ +2.0 mA
DAC Output Test Conditions
0 dB attenuation relative to full scale
Input 0 dB
Mute Off
10 kΩ output load
ADC Input Test Conditions
Autocalibrated
0 dB PGA gain
Mute off
Input: 1.0 dB relative to full scale
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC RECEIVE PATH
Full-Scale Input Voltage1
PGA gain = 0 dB, offset error = 0% of FS
1.56
V rms
AD1803 Rx Input
0 dBm
2.1
2.2
2.3
V p-p
Resistance—Rx Input2
0 dB Gain
110
+20 dB Gain
10
Capacitance—Rx Input2
15
pF
Rx Programmable Gain
Gain Step Size3
0 dB to 42.5 dB
1.0
1.5
2.0
dB
Input Gain Span4
41.5
42.5
43.5
dB
Analog-to-Digital Converter
Dynamic Range5
−60 dB input, PGA gain = 0 dB
85
90
dB
Dynamic Range2, 5
−60 dB input, PGA gain = 6 dB
90
dB
Dynamic Range2, 5
−60 dB input, PGA gain = +12 dB
90
dB
THD + N
−1 dB input referenced to full scale
−90
−85
dB
Signal-to-Intermodulation Distortion2
CCIF method
80
dB
Offset Error
0 V analog input, PGA gain = 0 dB
1
5
% of FS
DAC TRANSMIT PATH
Digital-to-Analog Converter
Dynamic Range5
−60 dB input, output gain = 0 dB
85
dB
THD + N
−1 dB input referenced to full scale
−75
dB
Signal-to-Intermodulation Distortion2
CCIF method
80
dB
Total Out-of-Band Energy2
Measured from 0.555 × fS to 100 kHz
−40
dB
DC Offset
100
mV
Programmable Gain/Attenuator
Step Size3
+12 dB to −34.5 dB
1.0
1.5
2.0
dB
Output Attenuation Span
45.5
46.5
48
dB
Full-Scale Output Voltage
Tx Output
0 dBm
2.1
2.2
2.3
V p-p
Tx Pin Capacitance
15
pF
Tx Load Capacitance
100
pF


Número de pieza similar - AD1803_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1803JRU AD-AD1803JRU Datasheet
39Kb / 2P
   U.S./International Modem DAA Line Codec Chipset
2000
More results

Descripción similar - AD1803_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
[Old version datasheet]   VOICE/MODEM CODEC
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753 Datasheet
1Mb / 87P
   HI FI AND TELEPHONY DUAL CODEC
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
   Hi-Fi and Telephony Dual CODEC
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Wolfson Microelectronic...
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
   AMC97 Audio and Modem Codec
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com