Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1833A Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD1833A
Descripción Electrónicos  Multichannel, 24-Bit, 192 kHz, DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1833A Datasheet(HTML) 1 Page - Analog Devices

  AD1833A_15 Datasheet HTML 1Page - Analog Devices AD1833A_15 Datasheet HTML 2Page - Analog Devices AD1833A_15 Datasheet HTML 3Page - Analog Devices AD1833A_15 Datasheet HTML 4Page - Analog Devices AD1833A_15 Datasheet HTML 5Page - Analog Devices AD1833A_15 Datasheet HTML 6Page - Analog Devices AD1833A_15 Datasheet HTML 7Page - Analog Devices AD1833A_15 Datasheet HTML 8Page - Analog Devices AD1833A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
AD1833A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Multichannel,
24-Bit, 192 kHz, - DAC
FEATURES
5 V Stereo Audio System with 3.3 V Tolerant Digital
Interface
Supports 96 kHz Sample Rates on 6 Channels and
192 kHz on 2 Channels
Supports 16-/20-/24-Bit Word Lengths
Multibit
-
Modulators with
Perfect Differential Linearity Restoration for
Reduced Idle Tones and Noise Floor
Data Directed Scrambling DACs—Least Sensitive to
Jitter
Differential Output for Optimum Performance
DACs Signal-to-Noise and Dynamic Range: 110 dB
–94 dB THD + N—6-Channel Mode
–95 dB THD + N—2-Channel Mode
On-Chip Volume Control per Channel with 1024-Step
Linear Scale
Software Controllable Clickless Mute
Digital De-emphasis Processing
Supports 256
fS, 512
fS, and 768
fS Master
Clock Modes
Power-Down Mode Plus Soft Power-Down Mode
Flexible Serial Data Port with Right-Justified,
Left-Justified, I2S Compatible, and DSP Serial Port Modes
Supports Packed Data Mode and TDM Mode
48-Lead LQFP Plastic Package
APPLICATIONS
DVD Video and Audio Players
Home Theater Systems
Automotive Audio Systems
Set-Top Boxes
Digital Audio Effects Processors
FUNCTIONAL BLOCK DIAGRAM
AGND
DGND
FILTR FILTD
MCLK
CDATA
CLATCH
CCLK
OUTLP1
OUTLN1
OUTLP2
OUTLN2
OUTLP3
OUTLN3
OUTRP3
OUTRN3
OUTRP2
OUTRN2
OUTRP1
OUTRN1
ZERO FLAGS
DVDD1 DVDD2
AVDD
RESET
SOUT
AD1833A
SPI
PORT
DATA
PORT
L/RCLK
BCLK
SDIN1
SDIN2
SDIN3
INTERPOLATOR
DAC
INTERPOLATOR
DAC
INTERPOLATOR
DAC
INTERPOLATOR
DAC
INTERPOLATOR
DAC
FILTER
ENGINE
INTERPOLATOR
DAC
GENERAL DESCRIPTION
The AD1833A is a complete, high performance, single-chip,
multichannel, digital audio playback system. It features six audio
playback channels, each comprising a high performance digital
interpolation filter, a multibit
S-D modulator featuring Analog
Devices’ patented technology, and a continuous-time voltage-out
analog DAC section. Other features include an on-chip clickless
attenuator and mute capability for each channel, programmed
through an SPI compatible serial control port.
The AD1833A is fully compatible with all known DVD formats,
accommodating word lengths of up to 24 bits at sample rates of
48 kHz and 96 kHz on all six channels while supporting a 192 kHz
sample rate on two channels. It also provides the Redbook stan-
dard 50
ms/15 ms digital de-emphasis filters at sample rates of
32 kHz, 44.1 kHz, and 48 kHz.
The AD1833A has a very flexible serial data input port that
allows glueless interconnection to a variety of ADCs, DSP chips,
AES/EBU receivers, and sample rate converters. It can be con-
figured in right-justified, left-justified, I
2S, or DSP serial port
compatible modes. The AD1833A accepts serial audio data in MSB
first, twos complement format. The AD1833A can be operated
from a single 5 V power supply; it also features a separate supply
pin for its digital interface that allows it to be interfaced to devices
using 3.3 V power supplies.
The AD1833A is fabricated on a single monolithic integrated
circuit and is housed in a 48-lead LQFP package for operation
from –40
∞C to +85∞C.


Número de pieza similar - AD1833A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1833AAST AD-AD1833AAST Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833AAST-REEL AD-AD1833AAST-REEL Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833ACST AD-AD1833ACST Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833ACST-REEL AD-AD1833ACST-REEL Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833AST AD-AD1833AST Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
More results

Descripción similar - AD1833A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4359 AKM-AK4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com