Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1836 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD1836
Descripción Electrónicos  Multichannel 96 kHz Codec
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1836 Datasheet(HTML) 2 Page - Analog Devices

  AD1836_15 Datasheet HTML 1Page - Analog Devices AD1836_15 Datasheet HTML 2Page - Analog Devices AD1836_15 Datasheet HTML 3Page - Analog Devices AD1836_15 Datasheet HTML 4Page - Analog Devices AD1836_15 Datasheet HTML 5Page - Analog Devices AD1836_15 Datasheet HTML 6Page - Analog Devices AD1836_15 Datasheet HTML 7Page - Analog Devices AD1836_15 Datasheet HTML 8Page - Analog Devices AD1836_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
–2–
AD1836–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25
°C
Master Clock
12.288 MHz, (48 kHz fS, 256
× fS Mode)
Input Signal
1.000 kHz, 0 dBFS (Full Scale)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
20 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Input Voltage HI
2.4 V
Input Voltage LO
0.8 V
NOTE
Performance of all channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
ANALOG PERFORMANCE
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution (all ADCs)
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter
102
dB
With A-Weighted Filter
105
dB
Total Harmonic Distortion + Noise
–92
dB
Interchannel Isolation
100
dB
Interchannel Gain Mismatch
0.01
dB
Programmable Input Gain
12
dB
Gain Step Size
3
dB
Offset Error
LSB
Full-Scale Input Voltage At Each Pin (Single-Ended)
1.0 (2.8)
V rms (V p-p)
Gain Drift
100
ppm/
°C
Input Resistance
10
k
Input Capacitance
15
pF
Common-Mode Input Volts
2.25
V
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter
105
dB
With A-Weighted Filter
108
dB
Total Harmonic Distortion + Noise
–95
dB
Interchannel Isolation
100
dB
Interchannel Gain Mismatch
0.01(0.12)
dB (%)
DC Accuracy
%
Gain Error
±3.0
%
Interchannel Gain Mismatch
0.01
dB
Gain Drift
150
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
±0.1
Degrees
Volume Control Step Size (1023 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
60
dB
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
Full-Scale Output Voltage At Each Pin (Single-Ended)
1.0 (2.8)
V rms (V p-p)
Output Resistance At Each Pin
115
Common-Mode Output
2.25
V


Número de pieza similar - AD1836_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1836A AD-AD1836A Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836A AD-AD1836A Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AAS AD-AD1836AAS Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836AASRL AD-AD1836AASRL Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
More results

Descripción similar - AD1836_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836A AD-AD1836A Datasheet
2Mb / 24P
   Multichannel 96 kHz Codec
REV. 0
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com