Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAZ5936B Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SMAZ5936B
Descripción Electrónicos  Surface Mount Power Voltage-Regulating Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAZ5936B Datasheet(HTML) 3 Page - Vishay Siliconix

  SMAZ5936B Datasheet HTML 1Page - Vishay Siliconix SMAZ5936B Datasheet HTML 2Page - Vishay Siliconix SMAZ5936B Datasheet HTML 3Page - Vishay Siliconix SMAZ5936B Datasheet HTML 4Page - Vishay Siliconix SMAZ5936B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMAZ5919B thru SMAZ5945B
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jan-15
3
Document Number: 88488
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Mounted on minimum recommended pad layout
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Steady State Power Derating
Fig. 2 - Typical Zener Voltage
Fig. 3 - Typical Zener Voltage
Fig. 4 - Typical Temperature Coefficients
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Typical thermal resistance, junction to lead (1)
RJL
50
°C/W
Typical thermal resistance, junction to ambient (1)
RJA
250
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMAZ5925B-E3/61
0.064
61
1800
7" diameter plastic tape and reel
SMAZ5925B-E3/5A
0.064
5A
7500
13" diameter plastic tape and reel
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
Temperature (°C)
T
A
T
L
100
10
1
0246
0.1
VZ - Zener Voltage (V)
10
135
79
8
100
10
1
020
40
60
0.1
VZ - Zener Voltage (V)
70
10
30
50
1.0
2.0
3.0
4.0
5.0
5.0
6.0
6.5
5.5
7.0
0
VZ - Zener Voltage (V)
V
Z at IZT


Número de pieza similar - SMAZ5936B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMAZ5936B VISHAY-SMAZ5936B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMAZ5936B VISHAY-SMAZ5936B Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
More results

Descripción similar - SMAZ5936B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZG3788 VISHAY-SMZG3788_08 Datasheet
99Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com