Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ60A Datasheet(PDF) 4 Page - Bourns Electronic Solutions |
|
SMAJ60A Datasheet(HTML) 4 Page - Bourns Electronic Solutions |
4 / 5 page 100 75 50 25 0 050 25 75 100 150 125 175 200 Ambient Temperature (°C) 10 x 1000 Waveform as Defined by R.E.A. 60 40 50 30 20 10 0 1 2 5 10 20 50 100 Number of Cycles at 60 Hz Pulse Width 8.3 ms Single Half Sine-Wave (JEDEC Method) 100 50 0 0 1.0 2.0 3.0 4.0 T, Time (ms) TA=25 °C TP TR=10 µs Half value= IRSM 2 Peak value (IRSM) Pulse width (TP) is defined as that point where the peak current decays to 50 % of IPSM. 10 x 1000 waveform as defined by R.E.A. 10000 100 10 1 10 100 1000 Standoff Voltage (Volts) 1000 Bidirectional TA = 25 °C Unidirectional 100 10 1.0 0.1 0.1 µs 1.0 µs 10 µs 10 ms TP, Pulse Width 100 µs 1.0 ms 5.0 mm Lead Areas TA = 25 °C Non-repetitive Pulse Waveform Shown in Pulse Waveform Graph 1.0 0.6 0.8 0.4 0.2 0.0 050 25 75 100 150 125 175 200 TL, Lead Temperature (°C) 60 Hz Resistive or Inductive Load Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. SMAJ Transient Voltage Suppressor Diode Series Rating & Characteristic Curves Pulse Derating Curve Maximum Non-Repetitive Surge Current Pulse Waveform Typical Junction Capacitance Pulse Rating Curve Steady State Power Derating Curve |
Número de pieza similar - SMAJ60A |
|
Descripción similar - SMAJ60A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |