Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ILC7082AIM5-30 Datasheet(PDF) 10 Page - Impala Linear Corporation

No. de pieza ILC7082AIM5-30
Descripción Electrónicos  150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IMPALA [Impala Linear Corporation]
Página de inicio  
Logo IMPALA - Impala Linear Corporation

ILC7082AIM5-30 Datasheet(HTML) 10 Page - Impala Linear Corporation

Back Button ILC7082AIM5-30 Datasheet HTML 6Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 7Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 8Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 9Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 10Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 11Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 12Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 13Page - Impala Linear Corporation ILC7082AIM5-30 Datasheet HTML 14Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
150mA SOT-23 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
10
(408) 574-3939
www.impalalinear.com
April 1999
ILC7082 1.3
COUT
Capacitor Size
IOUT
Dielectric
Part Number
Capacitor Vendor
1
µF
0805
0-150 mA
X5R
C2012X5R1A105KT
TDK
0805
X7R
GRM40X7R105K010
MuRata
0805
X7R
LMK212BJ105KG
Taiyo-Yuden
1206
X7R
GRM42-6X7R105K016
MuRata
1206
X7R
EMK316BJ105KL
Taiyo-Yuden
1206
X5R
TMK316BJ105KL
Taiyo-Yuden
2.2
µF
0805
0-150 mA
X5R
GRM40X5R225K 6.3
MuRata
0805
X5R
C2012X5R0J225KT
TDK
1206
X5R
EMK316BJ225ML
Taiyo-Yuden
4.7
µF
1206
0-150 mA
X5R
GRM42-6X7R475K010
MuRata
1206
X7R
LMK316BJ475ML
Taiyo-Yuden
Recommended Ceramic Output Capacitors


Número de pieza similar - ILC7082AIM5-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ILC7082AIM5-30 FAIRCHILD-ILC7082AIM5-30 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
More results

Descripción similar - ILC7082AIM5-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com