Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


GS2984 Datasheet(Hoja de datos) 5 Page - Gennum Corporation

No. de Pieza. GS2984
Descripción  GS2984 Adaptive Cable Equalizer
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo 

 
 5 page
background image
GS2984 Adaptive Cable Equalizer
Data Sheet
50985 - 3
March 2010
5 of 20
8
SQ_ADJ
Analog
Input
Squelch Adjust.
Adjusts the approximate amount of cable equalized before CD goes
low. See Section 4.4 and Section 4.5. (Internal pull-down).
9CMSET
Not
Synchronous
Input
CONTROL SIGNAL INPUT
levels are LVCMOS/LVTTL compatible. (3.3V Tolerant)
Controls output common mode level. (Internal pull-down).
See Section 4.7.
10, 11
SDO, SDO
Analog
Output
Equalized serial digital differential output.
12
VEE_D
Analog
Power
Most negative power supply for the digital circuitry and output
buffer.
Connect to GND.
13
VCC_D
Analog
Power
Most positive power supply for the digital I/O pins of the device.
Connect to +3.3V DC.
14
MUTE
Not
Synchronous
Input
CONTROL SIGNAL INPUT
levels are LVCMOS/LVTTL compatible. (3.3V Tolerant)
Controls output behaviour on SDO and SDO. (Internal pull-down).
See Section 4.5.
15
CD
Not
Synchronous
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Indicates the presence of an input signal.
See Section 4.5.
16
VCC_A
Analog
Power
Most positive power supply for the analog circuitry of the device.
Connect to +3.3V DC.
Center Pad
Power
Internally bonded to VEE_A.
Table 1-1: GS2984 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl