Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1838 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD1838
Descripción Electrónicos  2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1838 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1838_15 Datasheet HTML 4Page - Analog Devices AD1838_15 Datasheet HTML 5Page - Analog Devices AD1838_15 Datasheet HTML 6Page - Analog Devices AD1838_15 Datasheet HTML 7Page - Analog Devices AD1838_15 Datasheet HTML 8Page - Analog Devices AD1838_15 Datasheet HTML 9Page - Analog Devices AD1838_15 Datasheet HTML 10Page - Analog Devices AD1838_15 Datasheet HTML 11Page - Analog Devices AD1838_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. A
–8–
AD1838–Typical Performance Characteristics
FREQUENCY (Normalized to
f
S)
05
10
–150
15
–100
–50
0
TPC 1. ADC Composite Filter Response
FREQUENCY (Hz)
–30
020
5
10
15
–25
–20
–15
–10
–5
0
5
TPC 2. ADC High-Pass Filter Response, fS = 48 kHz
FREQUENCY (Normalized to
f
S)
–150
0
2.0
0.5
1.0
1.5
0
–100
–50
TPC 3. ADC Composite Filter Response
(Pass-Band Section)
FREQUENCY (Hz)
–30
020
5
10
15
–25
–20
–15
–10
–5
0
5
TPC 4. ADC High-Pass Filter Response, fS = 96 kHz
FREQUENCY (kHz)
0
–50
–150
–100
0
200
50
100
150
TPC 5. DAC Composite Filter Response, fS = 48 kHz
0
–50
–150
–100
0
200
50
100
150
FREQUENCY (kHz)
TPC 6. DAC Composite Filter Response, fS = 96 kHz


Número de pieza similar - AD1838_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838A AD-AD1838A Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838AAS AD-AD1838AAS Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AAS-REEL AD-AD1838AAS-REEL Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
AD1838AASZ AD-AD1838AASZ Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
More results

Descripción similar - AD1838_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1839 AD-AD1839 Datasheet
319Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
REV. B
AD1839A AD-AD1839A Datasheet
674Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com