Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-812MT Datasheet(PDF) 11 Page - Rohm

No. de pieza SML-812MT
Descripción Electrónicos  Reverse-mount available type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-812MT Datasheet(HTML) 11 Page - Rohm

Back Button SML-812MT Datasheet HTML 4Page - Rohm SML-812MT Datasheet HTML 5Page - Rohm SML-812MT Datasheet HTML 6Page - Rohm SML-812MT Datasheet HTML 7Page - Rohm SML-812MT Datasheet HTML 8Page - Rohm SML-812MT Datasheet HTML 9Page - Rohm SML-812MT Datasheet HTML 10Page - Rohm SML-812MT Datasheet HTML 11Page - Rohm SML-812MT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
+
4.2
1.25
(Unit : mm)
φ
2.4
Hole
SML-81 Series
2014.11 - Rev.G
11/11
4-5. Soldering Pattern for Recommendation
We recommend the soldering pattern that shows on the right. It will be
different according to mounting situation of circuit board, herefore, please
concern before designing.
*
The product has adopted the electrode structure that it should solder with
back electrode of the product. Thus, please be informed that the shape of
electrode pin of solder fillet formation is not guaranteed.
4-6. Reflow Profile
For reflow profile, please refer to the conditions below:(*)
• Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax Maximum of pre-heating temperature
180ºC
Tsmin Minimum of pre-heating temperature
140ºC
Ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
230 to 260ºC
tL
Retention time for TL
Within 40sec.
TP
Peak temperature
260ºC(Max)
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3ºC/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3ºC/sec.
*
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow furnaces
before using, because stress from circuit boards and temperature variations of reflow furnaces vary by
customer’s own conditions.
4-7. Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30ºC within 3 minutes
Ultrasonic Cleaning
15W / Below 1 liter (capacity of tank)
Drying
Under 100ºC within 3 minutes
Stress strength according to
the mounting position:
A>B>C>D
(Fig-1)
4-4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting, so please pay attention to the touch on
product.


Número de pieza similar - SML-812MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SML-812MT ETC1-SML-812MT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-812MT ROHM-SML-812MT Datasheet
150Kb / 3P
   High Brightness Type Back-fire chip LEDs(Reverse package)
SML-812MT ROHM-SML-812MT Datasheet
108Kb / 3P
   Reverse Mount Chip LEDs High Brightness Type
SML-812MT ROHM-SML-812MT Datasheet
2Mb / 4P
   Reverse-mount type
SML-812MT ROHM-SML-812MT Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Descripción similar - SML-812MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com