Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1896 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD1896
Descripción Electrónicos  192 kHz Stereo Asynchronous Sample Rate Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1896 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1896_15 Datasheet HTML 6Page - Analog Devices AD1896_15 Datasheet HTML 7Page - Analog Devices AD1896_15 Datasheet HTML 8Page - Analog Devices AD1896_15 Datasheet HTML 9Page - Analog Devices AD1896_15 Datasheet HTML 10Page - Analog Devices AD1896_15 Datasheet HTML 11Page - Analog Devices AD1896_15 Datasheet HTML 12Page - Analog Devices AD1896_15 Datasheet HTML 13Page - Analog Devices AD1896_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. A
AD1896
–10–
–200
–50
–190
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
2.5
22.5
7.5
12.5
17.5
FREQUENCY – kHz
5.0
10.0
15.0
20.0
TPC 13. Wideband FFT Plot (16k Points) 96 kHz:48 kHz,
–60 dBFS 1 kHz Tone
–200
–50
–190
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
2.5
22.5
7.5
12.5
17.5
FREQUENCY – kHz
5.0
10.0
15.0
20.0
TPC 14. Wideband FFT Plot (16k Points) 192 kHz:48 kHz,
–60 dBFS 1 kHz Tone
–180
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY – kHz
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
22.5
TPC 15. IMD, 10 kHz and 11 kHz 0 dBFS Tone
44:1 kHz:48 kHz
–180
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY – kHz
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
22.5
TPC 16. IMD, 10 kHz and 11 kHz 0 dBFS Tone
96 kHz:48 kHz
–180
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY – kHz
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
TPC 17. IMD, 10 kHz and 11 kHz 0 dBFS Tone
48 kHz:44.1 kHz
FREQUENCY – kHz
–200
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
22.5
TPC 18. Wideband FFT Plot (16k Points) 44.1 kHz:48 kHz,
0 dBFS 20 kHz Tone


Número de pieza similar - AD1896_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRS AD-AD1896AYRS Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSRL AD-AD1896AYRSRL Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results

Descripción similar - AD1896_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com