Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1990 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD1990
Descripción Electrónicos  Audio Switching Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1990_15 Datasheet HTML 2Page - Analog Devices AD1990_15 Datasheet HTML 3Page - Analog Devices AD1990_15 Datasheet HTML 4Page - Analog Devices AD1990_15 Datasheet HTML 5Page - Analog Devices AD1990_15 Datasheet HTML 6Page - Analog Devices AD1990_15 Datasheet HTML 7Page - Analog Devices AD1990_15 Datasheet HTML 8Page - Analog Devices AD1990_15 Datasheet HTML 9Page - Analog Devices AD1990_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD1990
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PGND1
PGND1
PGND1
OUTL+
OUTL+
OUTL+
PVDD1
PVDD1
PVDD1
PVDD1
OUTL–
OUTL–
OUTL–
PGND1
PGND1
PGND1
NC = NO CONNECT
PGND2
PGND2
PGND2
OUTR+
OUTR+
OUTR+
PVDD2
PVDD2
PVDD2
PVDD2
OUTR–
OUTR–
OUTR–
PGND2
PGND2
PGND2
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD1990
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
In/Out
Description
1, 2, 3, 64
PGND1
Negative Power Supply. Used for the A2 and B2 high power transistors.
4, 5, 6
OUTL+
O
Output of Transistor Pair A1 and A2.
7, 8, 9, 10
PVDD1
Positive Power Supply. Used for the A1 and B1 high power transistors.
11, 12, 13
OUTL−
O
Output of Transistor Pair B1 and B2.
14, 15, 16
PGND1
Negative Power Supply. Used for the A2 and B2 high power transistors.
17
ERR2
O
Active Low Thermal Shutdown Error Output.
18
ERR1
O
Active Low Thermal Warning Error Output.
19
ERR0
O
Active Low Overcurrent Error Output.
20
DCTRL2
I/O
Nonoverlap Time Setting MSB.
21
DCTRL1
I
Nonoverlap Time Setting.
22
DCTRL0
I
Nonoverlap Time Setting LSB.
23, 26
DGND
Negative Power Supply for Low Power Digital Circuitry.
24, 25
DVDD
Positive Power Supply for Low Power Digital Circuitry.
27
CLKI
I
Clock Input for 256 × fS Audio Modulator Clock.
28
CLKO
O
Inverted Version of CLKI for Use with an External XTAL Oscillator.
29
MUTE
I
Active Low Mute Input.
30
RESET
I
Active Low Reset Input.
31
PGA1
I
PGA Gain Control MSB.
32
PGA0
I
PGA Gain Control LSB.
33, 34, 35
PGND2
Negative Power Supply for High Power Transistors C2 and D2.
36, 37, 38
OUTR−
O
Output of Transistor Pair D1 and D2.
39, 40, 41, 42
PVDD2
Positive Power Supply for High Power Transistors C1 and D1.
43, 44, 45
OUTR+
O
Output of Transistor Pair C1 and C2.
46, 47, 48, 49
PGND2
Negative Power Supply for High Power Transistors C2 and D2.
50
NFR+
I
Right Channel Negative Feedback—Noninverting Input.
51
NFR−
I
Right Channel Negative Feedback—Inverting Input.


Número de pieza similar - AD1990_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1990ACPZ AD-AD1990ACPZ Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
AD1990ACPZ AD-AD1990ACPZ Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990ACPZRL AD-AD1990ACPZRL Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990ACPZRL7 AD-AD1990ACPZRL7 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
More results

Descripción similar - AD1990_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
   Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
logo
Toshiba Semiconductor
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
   For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
   Audio Frequency Amplifier Applications Switching Applications
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com