Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5220 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD5220
Descripción Electrónicos  Increment Decrement Digital Potentionmeter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5220_15 Datasheet HTML 2Page - Analog Devices AD5220_15 Datasheet HTML 3Page - Analog Devices AD5220_15 Datasheet HTML 4Page - Analog Devices AD5220_15 Datasheet HTML 5Page - Analog Devices AD5220_15 Datasheet HTML 6Page - Analog Devices AD5220_15 Datasheet HTML 7Page - Analog Devices AD5220_15 Datasheet HTML 8Page - Analog Devices AD5220_15 Datasheet HTML 9Page - Analog Devices AD5220_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD5220
–6–
REV.
80
0
100k
1k
10k
60
40
20
1M
FREQUENCY – Hz
VDD = +5V DC 1V p-p AC
TA = +25 C
CODE = 40H
CL = 10pF
VA = 4V, VB = 0V
Figure 22. Power Supply Rejection
vs. Frequency
TEMPERATURE – C
0.10
0.0001
–40
0.001
–15
10
35
60
85
LOGIC = 0V OR VDD
VD = +5.5V
VDD = +3.3V
0.01
Figure 25. Supply Current vs. Tem-
perature IDD
CLOCK FREQUENCY – Hz
400
0
1k
10M
200
10k
100k
1M
350
150
300
100
250
50
DATA = 3FH
VB = 0V
TA = +25 C
VDD = +5.5V
VA = +5.5V
VDD = +2.7V
VA = +2.7V
Figure 23. IDD Supply Current vs.
Clock Frequency
DIGITAL INPUT VOLTAGE – V
10
0
1
0.1
0.01
0.001
1.0
2.0
3.0
4.0
5.0
TA = +25 C
ALL LOGIC INPUT
PINS TIED TOGETHER
VDD = +5V
VDD = +3V
Figure 26. Supply Current vs. Input
Logic Voltage
VB – Volts
80
0
01
6
23
45
60
40
20
TA = +25 C
SEE FIGURE 34
FOR TEST CIRCUIT
VDD = +2.7V
VDD = +5.5V
Figure 24. Incremental Wiper
Contact Resistance vs. VB
A


Número de pieza similar - AD5220_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5220BN10 AD-AD5220BN10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BN100 AD-AD5220BN100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BN50 AD-AD5220BN50 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
More results

Descripción similar - AD5220_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
JFW Industries, Inc.
50FH-XXX-50 JFW-50FH-XXX-50 Datasheet
26Kb / 1P
   1 through 50 dB in any 1 dB increment
logo
Analog Devices
AD5516 AD-AD5516_03 Datasheet
228Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com