Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5335 Datasheet(PDF) 5 Page - Analog Devices |
|
AD5335 Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page REV. 0 AD5334/AD5335/AD5336/AD5344 –5– AD5334 FUNCTIONAL BLOCK DIAGRAM VOUTA BUFFER GND AD5334 VOUTB BUFFER VOUTC BUFFER VOUTD BUFFER POWER-ON RESET TO ALL DACS AND BUFFERS POWER-DOWN LOGIC PD DAC REGISTER 8-BIT DAC 8-BIT DAC INPUT REGISTER VREFC/D INTER- FACE LOGIC VDD VREFA/B GAIN DB7 DB0 CS WR A0 A1 CLR LDAC . . . DAC REGISTER INPUT REGISTER DAC REGISTER INPUT REGISTER DAC REGISTER INPUT REGISTER 8-BIT DAC 8-BIT DAC 8-BIT DAC AD5334 PIN FUNCTION DESCRIPTIONS Pin No. Mnemonic Function 1VREFC/D Unbuffered Reference Input for DACs C and D. 2VREFA/B Unbuffered Reference Input for DACs A and B. 3VOUTA Output of DAC A. Buffered Output with Rail-to-Rail Operation. 4VOUTB Output of DAC B. Buffered Output with Rail-to-Rail Operation. 5VOUTC Output of DAC C. Buffered Output with Rail-to-Rail Operation. 6VOUTD Output of DAC D. Buffered Output with Rail-to-Rail Operation. 7 GND Ground Reference Point for All Circuitry on the Part. 8 CS Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface. 9 WR Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface. 10 A0 LSB Address Pin for Selecting which DAC Is to Be Written to. 11 A1 MSB Address Pin for Selecting which DAC Is to Be Written to. 12 LDAC Active Low Control Input that Updates the DAC Registers with the Contents of the Input Registers. This allows all DAC outputs to be simultaneously updated. 13 PD Power-Down Pin. This active low control pin puts all DACs into power-down mode. 14 VDD Power Supply Pin. This part can operate from 2.5 V to 5.5 V and the supply should be decoupled with a 10 µF capacitor in parallel with a 0.1 µF capacitor to GND. 15–22 DB0–DB7 Eight Parallel Data Inputs. DB7 is the MSB of these eight bits. 23 GAIN Gain Control Pin. This controls whether the output range from the DAC is 0–VREF or 0–2 VREF 24 CLR Asynchronous Active Low Control Input that Clears All Input Registers and DAC Registers to Zeros. AD5334 PIN CONFIGURATION TOP VIEW (Not to Scale) 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 AD5334 LDAC A1 A0 WR CS VREFC/D VREFA/B VOUTA VOUTB GND VOUTD VOUTC PD VDD DB0 DB1 DB2 CLR GAIN DB7 DB6 DB3 DB4 DB5 8-BIT |
Número de pieza similar - AD5335_15 |
|
Descripción similar - AD5335_15 |