Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8XC196NT Datasheet(PDF) 1 Page - Intel Corporation

No. de pieza 8XC196NT
Descripción Electrónicos  CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196NT Datasheet(HTML) 1 Page - Intel Corporation

  8XC196NT Datasheet HTML 1Page - Intel Corporation 8XC196NT Datasheet HTML 2Page - Intel Corporation 8XC196NT Datasheet HTML 3Page - Intel Corporation 8XC196NT Datasheet HTML 4Page - Intel Corporation 8XC196NT Datasheet HTML 5Page - Intel Corporation 8XC196NT Datasheet HTML 6Page - Intel Corporation 8XC196NT Datasheet HTML 7Page - Intel Corporation 8XC196NT Datasheet HTML 8Page - Intel Corporation 8XC196NT Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
September 1994
COPYRIGHT
INTEL CORPORATION 1995
Order Number 272267-004
8XC196NT
CHMOS MICROCONTROLLER WITH
1 MBYTE LINEAR ADDRESS SPACE
Y
20 MHz Operation
Y
High Performance CHMOS 16-Bit CPU
Y
Up to 32 Kbytes of On-Chip OTPROM
Y
Up to 1 Kbyte of On-Chip Register RAM
Y
Up to 512 Bytes of Internal RAM
Y
Register-Register Architecture
Y
4 Channel10-Bit AD with SampleHold
Y
37 Prioritized Interrupt Sources
Y
Up to Seven 8-Bit (56) IO Ports
Y
Full Duplex Serial IO Port
Y
Dedicated Baud Rate Generator
Y
Interprocessor Communication Slave
Port
Y
Selectable Bus Timing Modes for
Flexible External Memory Interfacing
Y
Oscillator Fail Detection Circuitry
Y
High Speed Peripheral Transaction
Server (PTS)
Y
Two Dedicated 16-Bit High-Speed
Compare Registers
Y
10 High Speed CaptureCompare (EPA)
Y
Full Duplex Synchronous Serial IO
Port (SSIO)
Y
Two Flexible 16-Bit TimerCounters
Y
Quadrature Counting Inputs
Y
Flexible 8-16-Bit External Bus
(Programmable)
Y
Programmable Bus (HOLDHLDA)
Y
14 ms 16 x 16 Multiply
Y
24 ms 3216 Divide
Y
68-Pin Package
Device
PinsPackage
OTPROM
Reg
Code
Address
IO
EPA
AD
RAM
RAM
Space
8XC196NT
68P PLCC
32K
1K
512
1 Mbyte
56
10
4
X e 7 OTPROM Device
X e 0 ROMLESS
The 8XC196NT 16-bit microcontroller is a high performance member of the MCS
96 microcontroller family
The 8XC196NT is an enhanced 8XC196KR device with 1 Mbyte of linear address space 1000 bytes of
register RAM 512 bytes of internal RAM 20 MHz operation and an optional 32 Kbytes of OTPROM Intel’s
CHMOS III-E process provides a high performance processor along with low power consumption
Ten high-speed capturecompare modules are provided As capture modules event times with 200 ns resolu-
tion can be recorded and generate interrupts As compare modules events such as toggling of a port pin
starting an AD conversion pulse width modulation and software timers can be generated Events can be
based on the timer or updown counter


Número de pieza similar - 8XC196NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
565Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
More results

Descripción similar - 8XC196NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
EN80C196NT INTEL-EN80C196NT Datasheet
565Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
87C196NT INTEL-87C196NT Datasheet
1Mb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINER ADDRESS SPACE
87C196KD20 INTEL-87C196KD20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
8XC196KD INTEL-8XC196KD Datasheet
383Kb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
EE87C196KDH20 INTEL-EE87C196KDH20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
80C196KT INTEL-80C196KT Datasheet
1Mb / 31P
   COMMERCIAL CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com