Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

8XC51FX Datasheet(PDF) 12 Page - Intel Corporation

No. de Pieza. 8XC51FX
Descripción  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo 

8XC51FX Datasheet(HTML) 12 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
8XC51FX
EXTERNAL MEMORY CHARACTERISTICS (Continued)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
33 MHz
Variable
Min Max Min Max Min Max
Min
Max
TPXIZ
Input Instr Float After PSEN
8XC51FX
59
TCLCL-25
ns
8XC51FX-24
21
TCLCL-20
ns
8XC51FX-33
5
TCLCL-25
ns
TAVIV
Address to Valid Instr In
8XC51FX-24
312
103
5TCLCLb105
ns
8XC51FX-33
71
5TCLCLb80
ns
TPLAZ
PSEN Low to Address Float
10
10
10
10
ns
TRLRH RD Pulse Width
400
150
82
6TCLCLb100
ns
TWLWH WR Pulse Width
400
150
82
6TCLCLb100
ns
TRLDV RD Low to Valid Data In
8XC51FX
252
5TCLCLb165
ns
8XC51FX-24
113
5TCLCLb95
ns
8XC51FX-33
61
5TCLCLb90
ns
TRHDX Data Hold After RD
000
0
ns
TRHDZ Data Float After RD
8XC51FX24
107
23
2TCLCLb60
ns
8XC51FX-33
35
2TCLCLb25
ns
TLLDV
ALE Low to Valid Data In
8XC51FX
517
8TCLCLb150
ns
8XC51FX-2433
243
150
8TCLCLb90
ns
TAVDV Address to Valid Data In
8XC51FX
585
9TCLCLb165
ns
8XC51FX-2433
285
180
9TCLCLb90
ns
TLLWL
ALE Low to RD or WR Low
200 300
75
175
41
140
3TCLCLb50
3TCLCLa50
ns
TAVWL Address to RD or WR Low
8XC51FX
203
4TCLCLb130
ns
8XC51FX-24
77
4TCLCLb90
ns
8XC51FX-33
46
4TCLCLb75
ns
TQVWX Data Valid to WR Transition
8XC51FX
33
TCLCLb50
ns
8XC51FX-2433
12
0
TCLCLb30
ns
TWHQX Data Hold After WR
8XC51FX
33
TCLCLb50
ns
8XC51FX-24
7
TCLCLb35
ns
8XC51FX-33
3
TCLCLb27
ns
TQVWH Data Valid to WR High
8XC51FX
433
7TCLCLb150
ns
8XC51FX-2433
222
142
7TCLCLb70
ns
TRLAZ
RD Low to Address Float
0
0
0
0
ns
TWHLH RD or WR High to ALE High
8XC51FX
43
123
TCLCLb40
TCLCLa40
ns
8XC51FX-24
12
71
TCLCLb30
TCLCLa30
ns
8XC51FX-33
5
55
TCLCLb25
TCLCLa25
ns
12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn