Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

8XC51FX Datasheet(PDF) 14 Page - Intel Corporation

No. de Pieza. 8XC51FX
Descripción  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo 

8XC51FX Datasheet(HTML) 14 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
8XC51FX
SERIAL PORT TIMINGSHIFT REGISTER MODE
Test Conditions Over Operating Conditions Load Capacitance e 80 pF
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
33 MHz
Variable
Min
Max
Min
Max
Min
Max
Min
Max
TXLXL
Serial Port
1
050
036
12TCLCL
m
s
Clock
Cycle Time
TQVXH
Output Data
700
284
167
10TCLCLb133
ns
Setup to Clock
Rising Edge
TXHQX
Output Data
Hold After Clock
Rising Edge
8XC51FX
50
2TCLCLb117
ns
8XC51FX-2433
34
10
2TCLCLb50
ns
TXHDX
Input Data Hold
0
0
0
0
ns
After Clock
Rising Edge
TXHDV
Clock Rising
700
283
167
10TCLCLb133
ns
Edge to Input
Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
272322 – 12
14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn