Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

8XC51FX Datasheet(PDF) 15 Page - Intel Corporation

No. de Pieza. 8XC51FX
Descripción  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo 

8XC51FX Datasheet(HTML) 15 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
8XC51FX
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency
MHz
8XC51FX
35
12
MHz
8XC51FX-1
35
16
MHz
8XC51FX-2
05
12
MHz
8XC51FX-24
35
24
MHz
8XC51FX-33
35
33
MHz
TCHCX
High Time
20
ns
8XC51FX-2433
035 TOSC
065 TOSC
ns
TCLCX
Low Time
20
ns
8XC51FX-2433
035 TOSC
065 TOSC
ns
TCLCH
Rise Time
20
ns
8XC51FX-24
10
ns
8XC51FX-33
5
ns
TCHCL
Fall Time
20
ns
8XC51FX-24
10
ns
8XC51FX-33
5
ns
EXTERNAL CLOCK DRIVE WAVEFORM
272322 – 13
AC TESTING INPUT OUTPUT WAVEFORMS
272322 – 14
AC Inputs during testing are driven at VCCb05V for a Logic ‘‘1’’
and 045V for a Logic ‘‘0’’ Timing measurements are made at VIH
min for a Logic ‘‘1’’ and VOL max for a Logic ‘‘0’’
FLOAT WAVEFORMS
272322 – 15
For timing purposes a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loaded VOH VOL level occurs
IOL IOH e g20 mA
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn