Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5344B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza 1N5344B
Descripción Electrónicos  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

1N5344B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N5344B Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N5344B Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N5344B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5333B thru 1N5363B
Document Number: 1N5333B thru 1N5363B
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
Devices listed above with B suffix have ±5% tolerance, A suffix designates ±10% tolerance, C suffix designates ±2%
tolerance, and D suffix designates ±1% tolerance. No suffix designates ±20%.
2.
Zener voltage (VZ) is measured at TL=25°C (+8,-2°C). Voltage measurement to be performed at 40±10 milliseconds after
application of dc current.
3.
The zener impedance is derived from 1 kHZ ac voltage resulting from an ac current modulation having an rms value equal to
10% of the dc zener current (IZT or IZK) superimposed on IZT or IZK.
4.
The maximum current (IZM) shown is for a ±5% tolerance devices. The IZM for other tolerances can be calculated using the
formula: IZM=P/VZM where VZM is the VZ at the high end of the voltage tolerance specified and P is the rated power for the
method of mounting.
5.
The surge current (IZSM) is specified as the maximum peak of a non-recurrent half-sine wave of 8.3ms duration.
6.
Voltage regulation (△VZ) is the difference between the voltage measured at 10% and 50% of IZM.
Type
Number
Regulator
Voltage
VZ @ IZT
Test
Current
Maximum
Dynamic
Impedance
(A&B
Suffix)
Maximum
Dynamic
Knee
Impedance
ZZk @
1.0mA
(A,B,C,D
Suffix)
Maximum
Reverse
Current
IR @ VR
Test
Voltage
(Non-
Suffix
& A
Suffix)
Test
Voltage
(B,C,D
Suffix)
Maximum
Regulator
Current
IZM
(B,C,D
Suffix)
Maximum
Surge
Current
(IZSM)
Maximum
Voltage
Regulation
(
△ VZ)
(A,B,C,D
Suffix)
VZ
(V)
IZT
(mA)
ZZT
(Ohms)
ZZK
(Ohms)
IR
(µA)
VR
(V)
VR
(V)
IZM
(mA)
IZSM
(A)
△ VZ
(V)
1N5333B
1N5334B
1N5335B
1N5336B
3.3
3.6
3.9
4.3
380
350
320
290
3.0
2.5
2.0
2.0
400
500
500
500
300
150
50
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1440
1320
1220
1100
20.0
18.7
17.6
16.4
0.85
0.80
0.54
0.49
1N5337B
1N5338B
1N5339B
1N5340B
4.7
5.1
5.6
6.0
260
240
220
200
2.0
1.5
1.0
1.0
450
400
400
300
5.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
1.0
1.0
2.0
3.0
1010
930
865
790
15.3
14.4
13.4
12.7
0.44
0.39
0.25
0.19
1N5341B
1N5342B
1N5343B
1N5344B
6.2
6.8
7.5
8.2
200
175
175
150
1.0
1.0
1.5
1.5
200
200
200
200
1.0
10
10
10
3.0
4.9
5.4
5.9
3.0
5.2
5.7
6.2
765
700
630
580
12.4
11.5
10.7
10.0
0.10
0.15
0.15
0.20
1N5345B
1N5346B
1N5347B
1N5348B
8.7
9.1
10
11
150
150
125
125
2.0
2.0
2.0
2.5
200
150
125
125
10
7.5
5.0
5.0
6.25
6.6
7.2
8.0
6.6
6.9
7.6
8.4
545
520
475
430
9.5
9.2
8.6
8.0
0.20
0.22
0.22
0.25
1N5349B
1N5350B
1N5351B
1N5352B
12
13
14
15
100
100
100
75
2.5
2.5
2.5
2.5
125
100
75
75
2.0
1.0
1.0
1.0
8.6
9.4
10.1
10.8
9.1
9.9
10.6
11.5
395
365
340
315
7.5
7.0
6.7
6.3
0.25
0.25
0.25
0.25
1N5353B
1N5354B
1N5355B
1N5356B
16
17
18
19
75
70
65
65
2.5
2.5
2.5
3.0
75
75
75
75
1.0
0.5
0.5
0.5
11.5
12.2
13.0
13.7
12.2
12.9
13.7
14.4
295
280
264
250
6.0
5.8
5.5
5.3
0.30
0.35
0.40
0.40
1N5357B
1N5358B
1N5359B
1N5360B
20
22
24
25
65
50
50
50
3.0
3.5
3.5
4.0
75
75
100
110
0.5
0.5
0.5
0.5
14.4
15.8
17.3
18.0
15.2
16.7
18.2
19.0
237
216
198
190
5.1
4.7
4.4
4.3
0.40
0.45
0.55
0.55
1N5361B
1N5362B
1N5363B
27
28
30
50
50
40
5.0
6.0
8.0
120
130
140
0.5
0.5
0.5
19.4
20.1
21.6
20.6
21.2
22.8
176
170
158
4.1
3.9
3.7
0.60
0.60
0.60
打印无效


Número de pieza similar - 1N5344B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
1N5344B SUNMATE-1N5344B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
Motorola, Inc
1N5344B MOTOROLA-1N5344B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
TAITRON Components Inco...
1N5344B TAITRON-1N5344B Datasheet
189Kb / 5P
   5.0W Zener Diodes
logo
First Components Intern...
1N5344B FCI-1N5344B Datasheet
164Kb / 3P
   5.0 WATTS ZENER DIODE EXCELLENT CLAMPING CAPABILITY
logo
Guangdong Kexin Industr...
1N5344B KEXIN-1N5344B Datasheet
2Mb / 5P
   Zener Diodes
More results

Descripción similar - 1N5344B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com