Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N5362B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
1N5362B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page 1N5333B thru 1N5363B Document Number: 1N5333B thru 1N5363B www.smsemi.com Feb.29, 2012 2 Electrical Characteristics @ 25°C (Unless Otherwise Noted) Note: 1. Devices listed above with B suffix have ±5% tolerance, A suffix designates ±10% tolerance, C suffix designates ±2% tolerance, and D suffix designates ±1% tolerance. No suffix designates ±20%. 2. Zener voltage (VZ) is measured at TL=25°C (+8,-2°C). Voltage measurement to be performed at 40±10 milliseconds after application of dc current. 3. The zener impedance is derived from 1 kHZ ac voltage resulting from an ac current modulation having an rms value equal to 10% of the dc zener current (IZT or IZK) superimposed on IZT or IZK. 4. The maximum current (IZM) shown is for a ±5% tolerance devices. The IZM for other tolerances can be calculated using the formula: IZM=P/VZM where VZM is the VZ at the high end of the voltage tolerance specified and P is the rated power for the method of mounting. 5. The surge current (IZSM) is specified as the maximum peak of a non-recurrent half-sine wave of 8.3ms duration. 6. Voltage regulation (△VZ) is the difference between the voltage measured at 10% and 50% of IZM. Type Number Regulator Voltage VZ @ IZT Test Current Maximum Dynamic Impedance (A&B Suffix) Maximum Dynamic Knee Impedance ZZk @ 1.0mA (A,B,C,D Suffix) Maximum Reverse Current IR @ VR Test Voltage (Non- Suffix & A Suffix) Test Voltage (B,C,D Suffix) Maximum Regulator Current IZM (B,C,D Suffix) Maximum Surge Current (IZSM) Maximum Voltage Regulation ( △ VZ) (A,B,C,D Suffix) VZ (V) IZT (mA) ZZT (Ohms) ZZK (Ohms) IR (µA) VR (V) VR (V) IZM (mA) IZSM (A) △ VZ (V) 1N5333B 1N5334B 1N5335B 1N5336B 3.3 3.6 3.9 4.3 380 350 320 290 3.0 2.5 2.0 2.0 400 500 500 500 300 150 50 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1440 1320 1220 1100 20.0 18.7 17.6 16.4 0.85 0.80 0.54 0.49 1N5337B 1N5338B 1N5339B 1N5340B 4.7 5.1 5.6 6.0 260 240 220 200 2.0 1.5 1.0 1.0 450 400 400 300 5.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 1.0 1.0 2.0 3.0 1010 930 865 790 15.3 14.4 13.4 12.7 0.44 0.39 0.25 0.19 1N5341B 1N5342B 1N5343B 1N5344B 6.2 6.8 7.5 8.2 200 175 175 150 1.0 1.0 1.5 1.5 200 200 200 200 1.0 10 10 10 3.0 4.9 5.4 5.9 3.0 5.2 5.7 6.2 765 700 630 580 12.4 11.5 10.7 10.0 0.10 0.15 0.15 0.20 1N5345B 1N5346B 1N5347B 1N5348B 8.7 9.1 10 11 150 150 125 125 2.0 2.0 2.0 2.5 200 150 125 125 10 7.5 5.0 5.0 6.25 6.6 7.2 8.0 6.6 6.9 7.6 8.4 545 520 475 430 9.5 9.2 8.6 8.0 0.20 0.22 0.22 0.25 1N5349B 1N5350B 1N5351B 1N5352B 12 13 14 15 100 100 100 75 2.5 2.5 2.5 2.5 125 100 75 75 2.0 1.0 1.0 1.0 8.6 9.4 10.1 10.8 9.1 9.9 10.6 11.5 395 365 340 315 7.5 7.0 6.7 6.3 0.25 0.25 0.25 0.25 1N5353B 1N5354B 1N5355B 1N5356B 16 17 18 19 75 70 65 65 2.5 2.5 2.5 3.0 75 75 75 75 1.0 0.5 0.5 0.5 11.5 12.2 13.0 13.7 12.2 12.9 13.7 14.4 295 280 264 250 6.0 5.8 5.5 5.3 0.30 0.35 0.40 0.40 1N5357B 1N5358B 1N5359B 1N5360B 20 22 24 25 65 50 50 50 3.0 3.5 3.5 4.0 75 75 100 110 0.5 0.5 0.5 0.5 14.4 15.8 17.3 18.0 15.2 16.7 18.2 19.0 237 216 198 190 5.1 4.7 4.4 4.3 0.40 0.45 0.55 0.55 1N5361B 1N5362B 1N5363B 27 28 30 50 50 40 5.0 6.0 8.0 120 130 140 0.5 0.5 0.5 19.4 20.1 21.6 20.6 21.2 22.8 176 170 158 4.1 3.9 3.7 0.60 0.60 0.60 打印无效 |
Número de pieza similar - 1N5362B |
|
Descripción similar - 1N5362B |