Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AD5640 Datasheet(PDF) 4 Page - Analog Devices

No. de Pieza. AD5640
Descripción  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

AD5640 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5620/AD5640/AD5660
Data Sheet
Rev. G | Page 4 of 28
Parameter
A Grade1
B Grade1
C Grade1
Unit
Conditions/Comments
LOGIC INPUTS3
Input Current
±2
±2
±2
µA max
All digital inputs
VINL, Input Low Voltage
0.8
0.8
0.8
V max
VDD = 5 V
VINH, Input High Voltage
2
2
2
V min
VDD = 5 V
Pin Capacitance
3
3
3
pF typ
POWER REQUIREMENTS
VDD
4.5
4.5
4.5
V min
All digital inputs at 0 V or VDD
5.5
5.5
5.5
V max
DAC active and excluding load current
IDD (Normal Mode)
VDD = 4.5 V to 5.5 V
0.55
0.55
0.55
mA typ
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
1
1
1
mA max
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.48
0.48
0.48
µA typ
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
1
1
1
µA max
VIH = VDD and VIL = GND
1
Temperature range is −40°C to +105°C, typical at +25°C.
2
Linearity calculated using a reduced code range: AD5660 (Code 511 to Code 65024); AD5640 (Code 128 to Code 16256); AD5620 (Code 32 to Code 4064). Output
unloaded. Linearity tested with VDD = 5.5 V. If part is operated with a VDD < 5 V, the output is clamped to VDD.
3
Guaranteed by design and characterization; not production tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn