Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5725 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5725
Descripción Electrónicos  Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5725 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5725_15 Datasheet HTML 5Page - Analog Devices AD5725_15 Datasheet HTML 6Page - Analog Devices AD5725_15 Datasheet HTML 7Page - Analog Devices AD5725_15 Datasheet HTML 8Page - Analog Devices AD5725_15 Datasheet HTML 9Page - Analog Devices AD5725_15 Datasheet HTML 10Page - Analog Devices AD5725_15 Datasheet HTML 11Page - Analog Devices AD5725_15 Datasheet HTML 12Page - Analog Devices AD5725_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5725
Rev. C | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREFP 1
VOUTB 2
VOUTA 3
AVSS 4
VREFN
28
VOUTC
27
VOUTD
26
AVDD
25
DGND
5
CLR
6
LDAC
7
VL
24
CS
23
A0
22
DB0 (LSB)
8
A1
21
DB1
9
R/W
20
DB2 10
DB11 (MSB)
19
DB3 11
DB10
18
DB4 12
DB9
17
DB5 13
DB8
16
DB6 14
DB7
15
AD5725
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration Diagram
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VREFP
Positive DAC Reference Input. The voltage applied to this pin defines the full-scale output voltage.
Allowable range is AVDD − 2.5 V to VREFN + 2.5 V.
2
VOUTB
Buffered Analog Output Voltage of DAC B.
3
VOUTA
Buffered Analog Output Voltage of DAC A.
4
AVSS
Negative Analog Supply Pin. Voltage ranges from 0 V to −15 V.
5
DGND
Digital Ground Pin.
6
CLR
Active Low Input. Sets input registers and DAC registers to zero scale (0x000) for the AD5725-1 or midscale
(0x800) for the AD5725.
7
LDAC
Active Low Load DAC Input.
8
DB0
Data Bit 0 (LSB).
9
DB1
Data Bit 1.
10
DB2
Data Bit 2.
11
DB3
Data Bit 3.
12
DB4
Data Bit 4.
13
DB5
Data Bit 5.
14
DB6
Data Bit 6.
15
DB7
Data Bit 7.
16
DB8
Data Bit 8.
17
DB9
Data Bit 9.
18
DB10
Data Bit 10.
19
DB11
Data Bit 11 (MSB).
20
R/W
Read/Write Pin. Active low to write data to DAC; Active high to read back previous data at data bit pins with
VL connected to +5 V.
21
A1
Address Bit 1.
22
A0
Address Bit 0.
23
CS
Active Low Chip Select Pin.
24
VL
Voltage Supply for Readback Function. Can be left open circuit if not used.
25
AVDD
Positive Analog Supply Pin. Voltage ranges from +5 V to +15 V.
26
VOUTD
Buffered Analog Output Voltage of DAC D.
27
VOUTC
Buffered Analog Output Voltage of DAC C.
28
VREFN
Negative DAC Reference Input. The voltage applied to this pin defines the zero-scale output voltage.
Allowable range is AVSS to VREFP − 2.5 V.


Número de pieza similar - AD5725_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5725 AD-AD5725 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
More results

Descripción similar - AD5725_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com