Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5752 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD5752
Descripción Electrónicos  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5752 Datasheet(HTML) 4 Page - Analog Devices

  AD5752_15 Datasheet HTML 1Page - Analog Devices AD5752_15 Datasheet HTML 2Page - Analog Devices AD5752_15 Datasheet HTML 3Page - Analog Devices AD5752_15 Datasheet HTML 4Page - Analog Devices AD5752_15 Datasheet HTML 5Page - Analog Devices AD5752_15 Datasheet HTML 6Page - Analog Devices AD5752_15 Datasheet HTML 7Page - Analog Devices AD5752_15 Datasheet HTML 8Page - Analog Devices AD5752_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5722/AD5732/AD5752
Rev. D | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS3
DVCC = 2.7 V to 5.5 V, JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
±1
μA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS (SDO)3
Output Low Voltage, VOL
0.4
V
DVCC = 5 V ± 10%, sinking 200 μA
Output High Voltage, VOH
DVCC − 1
V
DVCC = 5 V ± 10%, sourcing 200 μA
Output Low Voltage, VOL
0.4
V
DVCC = 2.7 V to 3.6 V, sinking 200 μA
Output High Voltage, VOH
DVCC − 0.5
V
DVCC = 2.7 V to 3.6 V, sourcing 200 μA
High Impedance Leakage
Current
−1
+1
μA
High Impedance Output
Capacitance
5
pF
POWER REQUIREMENTS
AVDD
4.5
16.5
V
AVSS
−4.5
−16.5
V
DVCC
2.7
5.5
V
Power Supply Sensitivity3
∆VOUT/∆ΑVDD
−65
dB
AIDD
3.25
mA/channel
Outputs unloaded
2.4
mA/channel
AVSS = 0 V, outputs unloaded
AISS
2.5
mA/channel
Outputs unloaded
DICC
0.5
3
μA
VIH = DVCC, VIL = GND
Power Dissipation
190
mW
±16.5 V operation, outputs unloaded
79
mW
16.5 V operation, AVSS = 0 V, outputs unloaded
Power-Down Currents
AIDD
40
μA
AISS
40
μA
DICC
300
nA
1 For specified performance, the maximum headroom requirement is 0.9 V.
2 INL is the relative accuracy. It is measured from Code 512, Code 128, and Code 32 for the AD5752, the AD5732, and the AD5722, respectively.
3 Guaranteed by characterization; not production tested.


Número de pieza similar - AD5752_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5752AREZ AD-AD5752AREZ Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5752AREZ AD-AD5752AREZ Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5752AREZ-REEL7 AD-AD5752AREZ-REEL7 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5752AREZ-REEL7 AD-AD5752AREZ-REEL7 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5752BREZ AD-AD5752BREZ Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
More results

Descripción similar - AD5752_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5722 AD-AD5722_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5732 AD-AD5732_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com