Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6122 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD6122
Descripción Electrónicos  CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6122 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6122_15 Datasheet HTML 2Page - Analog Devices AD6122_15 Datasheet HTML 3Page - Analog Devices AD6122_15 Datasheet HTML 4Page - Analog Devices AD6122_15 Datasheet HTML 5Page - Analog Devices AD6122_15 Datasheet HTML 6Page - Analog Devices AD6122_15 Datasheet HTML 7Page - Analog Devices AD6122_15 Datasheet HTML 8Page - Analog Devices AD6122_15 Datasheet HTML 9Page - Analog Devices AD6122_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. B
AD6122
–6–
MOD OUT
I CHANNEL
Q CHANNEL
LO INPUT
IF IN
RF SOURCE 1
AUX MEAS
PORT
NOTE: RF CABLES FOR I AND Q PATHS MUST BE OF EQUAL LENGTH
IFTX OUT
I DATA
Q DATA
RF SOURCE 2
R&S FSEA20/30
SPECTRUM
ANALYZER
RF
INPUT
R&S
SMT03
RF
R&S
SMT03
RF
HPE3610
POWER SUPPLY
HP34970A
DATA ACQUISITION
& SWITCH CONTROL
DC MEASUREMENTS
& CONTROL BITS
TO RF SWITCHES
TEKTRONIX
AFG2002
500mVp-p DIFFERENTIAL
TEST BED MOTHERBOARD
Figure 3. General Test Set
10nF
10nF
0.1 F
TO
SPECTRUM
ANALYZER
VREG OUT
453
205
453
0.1 F
VREG OUT
PULL-UP INDUCTORS CHOSEN
FOR PEAK RESPONSE AT THE
TEST FREQUENCY.
10nF
10nF
RF SOURCE
511
383
383
4:1
IFINN
IFINP
TXOPP
TXOPN
1:8
AD6122
Figure 2. IF Amplifier’s Characterization Input and Output Impedance Matches


Número de pieza similar - AD6122_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
More results

Descripción similar - AD6122_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6121 AD-AD6121_15 Datasheet
688Kb / 16P
   CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com