Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6624A Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD6624A
Descripción Electrónicos  Four-Channel, 100 MSPS Digital Receive Signal Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6624A Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6624A_15 Datasheet HTML 7Page - Analog Devices AD6624A_15 Datasheet HTML 8Page - Analog Devices AD6624A_15 Datasheet HTML 9Page - Analog Devices AD6624A_15 Datasheet HTML 10Page - Analog Devices AD6624A_15 Datasheet HTML 11Page - Analog Devices AD6624A_15 Datasheet HTML 12Page - Analog Devices AD6624A_15 Datasheet HTML 13Page - Analog Devices AD6624A_15 Datasheet HTML 14Page - Analog Devices AD6624A_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
REV. 0
AD6624A
–11–
PIN FUNCTION DESCRIPTIONS 196-LEAD BGA
Pin No.
Type
Function
POWER SUPPLY
VDD
P
2.5 V Supply
VDDIO
P
3.3 V IO Supply
GND
G
Ground
INPUTS
INA[13:0]
1
I
A Input Data (Mantissa)
EXPA[2:0]
1
I
A Input Data (Exponent)
IENA
2
I
Input Enable—Input A
INB[13:0]
1
I
B Input Data (Mantissa)
EXPB[2:0]
1
I
B Input Data (Exponent)
IENB
2
I
Input Enable—Input B
RESET
I
Active Low Reset Pin
CLK
I
Input Clock
SYNCA
1
I
All Sync Pins Go to All Four Output Channels
SYNCB
1
I
All Sync Pins Go to All Four Output Channels
SYNCC
1
I
All Sync Pins Go to All Four Output Channels
SYNCD
1
I
All Sync Pins Go to All Four Output Channels
SDIN0
1
I
Serial Data Input—Channel 0
SDIN1
1
I
Serial Data Input—Channel 1
SDIN2
1
I
Serial Data Input—Channel 2
SDIN3
1
I
Serial Data Input—Channel 3
CS1
I
Chip Select
CHIP_ID[3:0]
1
I
Chip ID Selector
CONTROL
SBM0
1
I
Serial Bus Master—Channel 0 only
SCLK0
1
I/O
Bidirectional Serial Clock—Channel 0
SCLK1
1
I/O
Bidirectional Serial Clock—Channel 1
SCLK2
1
I/O
Bidirectional Serial Clock—Channel 2
SCLK3
1
I/O
Bidirectional Serial Clock—Channel 3
SDIV[3:0]
1
I
Serial Clock Divisor—Channel 0
SDFS0
1
I/O
Bidirectional Serial Data Frame Sync—Channel 0
SDFS1
1
I/O
Bidirectional Serial Data Frame Sync—Channel 1
SDFS2
1
I/O
Bidirectional Serial Data Frame Sync—Channel 2
SDFS3
1
I/O
Bidirectional Serial Data Frame SyncvChannel 3
SDFE0
O
Serial Data Frame End—Channel 0
SDFE1
O
Serial Data Frame End—Channel 1
SDFE2
O
Serial Data Frame End—Channel 2
SDFE3
O
Serial Data Frame End—Channel 3
MICROPORT CONTROL
D[7:0]
I/O/T
Bidirectional Microport Data
A[2:0]
I
Microport Address Bus
DS (RD)
I
Active Low Data Strobe (Active Low Read)
DTACK (RDY)2
O/T
Active Low Data Acknowledge (Microport Status Bit)
RW (
WR)
I
Read Write (Active Low Write)
MODE
I
Intel or Motorola Mode Select


Número de pieza similar - AD6624A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6624AABC AD-AD6624AABC Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624AS AD-AD6624AS Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624AS/PCB AD-AD6624AS/PCB Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
More results

Descripción similar - AD6624A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6622 AD-AD6622_15 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor
REV. 0
AD6622 AD-AD6622 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com