Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6624A Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD6624A
Descripción Electrónicos  Four-Channel, 100 MSPS Digital Receive Signal Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6624A Datasheet(HTML) 3 Page - Analog Devices

  AD6624A_15 Datasheet HTML 1Page - Analog Devices AD6624A_15 Datasheet HTML 2Page - Analog Devices AD6624A_15 Datasheet HTML 3Page - Analog Devices AD6624A_15 Datasheet HTML 4Page - Analog Devices AD6624A_15 Datasheet HTML 5Page - Analog Devices AD6624A_15 Datasheet HTML 6Page - Analog Devices AD6624A_15 Datasheet HTML 7Page - Analog Devices AD6624A_15 Datasheet HTML 8Page - Analog Devices AD6624A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
REV. 0
AD6624A
–3–
SPECIFICATIONS (VDD = 2.5 V 5%, VDDIO = 3.3 V 10%. All specifications T
A = TMIN to TMAX, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
Test
AD6624AS
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
LOGIC INPUTS (5 V TOLERANT)
Logic Compatibility
Full
3.3 V CMOS
Logic “1” Voltage
Full
IV
2.0
5.0
V
Logic “0” Voltage
Full
IV
–0.3
+0.8
V
Logic “1” Current
Full
IV
1
10
µA
Logic “0” Current
Full
IV
1
10
µA
Input Capacitance
25
°CV
4
pF
LOGIC OUTPUTS
Logic Compatibility
Full
3.3 V CMOS/TTL
Logic “1” Voltage (IOH = 0.25 mA)
Full
IV
2.4
VDD – 0.2
V
Logic “0” Voltage (IOL = 0.25 mA)
Full
IV
0.2
0.4
V
IDD SUPPLY CURRENT
CLK = 100 MHz, (VDD = 2.75 V, VDDIO = 3.6 V)
Full
IV
IVDD
545
mA
IVDDIO
60
mA
CLK = GSM Example (65 MSPS, VDD = 2.5 V,
VDDIO = 3.3 V, Dec = 2/10/6 120 Taps 4 Channels)
25
°CV
IVDD
250
mA
IVDDIO
24
mA
POWER DISSIPATION
CLK = 80 MHz TD-SCDMA
Full
IV
1.1
W
CLK = 65 MHz GSM/EDGE Example
V
700
mW
Sleep Mode
Full
IV
287
µW
Specifications subject to change without notice.
RECOMMENDED OPERATING CONDITIONS
Test
AD6624AS
Parameter
Level
Min
Typ
Max
Unit
VDD
IV
2.375
2.5
2.675
V
VDDIO
IV
3.0
3.3
3.6
V
TAMBIENT
IV
–40
+25
+70
°C


Número de pieza similar - AD6624A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6624AABC AD-AD6624AABC Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624AS AD-AD6624AS Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624AS/PCB AD-AD6624AS/PCB Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
More results

Descripción similar - AD6624A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6622 AD-AD6622_15 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor
REV. 0
AD6622 AD-AD6622 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com