Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6636 Datasheet(PDF) 32 Page - Analog Devices

No. de pieza AD6636
Descripción Electrónicos  150 MSPS, Wideband, Digital Downconverter
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6636_15 Datasheet HTML 28Page - Analog Devices AD6636_15 Datasheet HTML 29Page - Analog Devices AD6636_15 Datasheet HTML 30Page - Analog Devices AD6636_15 Datasheet HTML 31Page - Analog Devices AD6636_15 Datasheet HTML 32Page - Analog Devices AD6636_15 Datasheet HTML 33Page - Analog Devices AD6636_15 Datasheet HTML 34Page - Analog Devices AD6636_15 Datasheet HTML 35Page - Analog Devices AD6636_15 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
AD6636
Rev. A | Page 32 of 80
6-Tap Fixed Coefficient Filter (FIR2)
Following the first cascade of the FIR1 and HB1 filters is the
second cascade of the FIR2 and HB2 filters. The 6-tap, fixed-
coefficient FIR2 filter is useful in providing extra alias
protection for the decimating HB2 filter in certain filter
configurations. It is a simple sum-of-products FIR filter with six
filter taps and 5-bit fixed coefficients. Note that this filter does
not decimate. The normalized coefficients used in the
implementation and the 5-bit decimal equivalent value of the
coefficients are listed in Table 16.
Table 16. 6-Tap FIR2 Filter Coefficients
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(5-Bit)
C0, C5
−0.125
−2
C1, C4
+0.1875
+3
C2, C3
+0.9375
+15
The user can either use or bypass this filter. Writing Logic 0 to
the FIR2 enable bit in the FIR-HB control register bypasses this
fixed-coefficient filter. The filter is useful in certain filter
configurations only and bypassing it for other applications
results in power savings. The filter is especially useful in
increasing the stop-band attenuation of the HB2 filter that
follows. Therefore, it is optimal to use both FIR2 and HB2 in a
configuration.
This filter runs at a sample rate given by one of the following
equations:
If HB1 is bypassed,
fFIR2 = fHB1
If HB1 is not bypassed,
fFIR2 = fHB1/2,
where:
fHB1 is the input rate of the HB1 filter.
fFIR2 is the input rate of the FIR2 filter.
The maximum input and output rate for this filter is 75 MHz.
The response of the FIR2 filter is shown in Figure 34.
FRACTION OF FIR2 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
–8.33
–16.67
–25.00
–33.33
–41.67
–50.00
–58.33
–66.67
–75.00
–83.33
–91.67
–100.00
–30
0.39
FIR2 RESPONSE
0.61
Figure 34. FIR2 Filter Response to the Input Rate of the Filter
Decimate-by-2, Half-Band Filter (HB2)
The second stage of the second cascade of the FIR-HB block is a
decimate-by-2, half-band filter. The 27-tap, symmetric, fixed-
coefficient HB2 filter has low power consumption due to its
polyphase implementation. The filter has 20 bits of input and
output data with 12-bit coefficients. The normalized
coefficients used in the implementation and the 10-bit decimal
equivalent value of the coefficients are listed in Table 17. Other
coefficients are 0s.
Table 17. HB2 Filter Fixed Coefficients
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(12-Bit)
C1, C27
+0.00097656
+2
C3, C25
−0.00537109
−11
C5, C23
+0.015
+32
C7, C21
−0.0380859
−78
C9, C19
+0.0825195
+169
C11, C17
−0.1821289
−373
C13, C15
+0.6259766
+1282
C14
+1
+2048
Similar to the HB1 filter, the user can either use or bypass this
filter. Writing Logic 0 to the HB1 enable bit in the FIR-HB
control register bypasses this fixed-coefficient HB filter. The
filter is useful in certain filter configurations only and bypassing
it for other applications results in power savings. For example,
the filter is useful in narrow-band applications in which more
filtering is required, as compared to wide-band applications, in
which a higher output rate may prohibit the use of a decimating
filter. The response of the HB2 filter is shown in Figure 35.


Número de pieza similar - AD6636_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6636BBCZ1 AD-AD6636BBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636BC AD-AD6636BC Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636CBCZ1 AD-AD6636CBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636PCB AD-AD6636PCB Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
More results

Descripción similar - AD6636_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com