Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6636 Datasheet(PDF) 53 Page - Analog Devices

No. de pieza AD6636
Descripción Electrónicos  150 MSPS, Wideband, Digital Downconverter
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD6636_15 Datasheet HTML 49Page - Analog Devices AD6636_15 Datasheet HTML 50Page - Analog Devices AD6636_15 Datasheet HTML 51Page - Analog Devices AD6636_15 Datasheet HTML 52Page - Analog Devices AD6636_15 Datasheet HTML 53Page - Analog Devices AD6636_15 Datasheet HTML 54Page - Analog Devices AD6636_15 Datasheet HTML 55Page - Analog Devices AD6636_15 Datasheet HTML 56Page - Analog Devices AD6636_15 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
AD6636
Rev. A | Page 53 of 80
SPI Read
During a typical read operation, a one-byte address and one-
byte instruction are written to the serial port to instruct the
internal control logic as to which registers are to be accessed.
Register readback data shifts out on the rising edge of SCLK.
The SDO pin is in a high impedance state at all times except
during a read cycle.
MSBFIRST
SCLK
SDI
SDO
MODE
SCS
SMODE
BLOCK END ADDRESS
BLOCK COUNT (Nx)
READ
A7
A6
A5
A4
A3
A2
A1
A0
1
N6
N5
N4
N3
N2
N1
N0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 50. SPI Read MSB_FIRST = 1
MSBFIRST
SCLK
SDO
MODE
SCS
SMODE
SDI
A0
A1
A2
A3
A4
BLOCK START ADDRESS
BLOCK COUNT (Nx)
READ
A5
A6
A7
N0
N1
N2
N3
N4
N5
N6
1
D0
D1
D2
D3
D4
D5
D6
D7
Figure 51. SPI Read MSB_FIRST = 0


Número de pieza similar - AD6636_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6636BBCZ1 AD-AD6636BBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636BC AD-AD6636BC Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636CBCZ1 AD-AD6636CBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636PCB AD-AD6636PCB Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
More results

Descripción similar - AD6636_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com