Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6636 Datasheet(PDF) 24 Page - Analog Devices

No. de pieza AD6636
Descripción Electrónicos  150 MSPS, Wideband, Digital Downconverter
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6636 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6636_15 Datasheet HTML 20Page - Analog Devices AD6636_15 Datasheet HTML 21Page - Analog Devices AD6636_15 Datasheet HTML 22Page - Analog Devices AD6636_15 Datasheet HTML 23Page - Analog Devices AD6636_15 Datasheet HTML 24Page - Analog Devices AD6636_15 Datasheet HTML 25Page - Analog Devices AD6636_15 Datasheet HTML 26Page - Analog Devices AD6636_15 Datasheet HTML 27Page - Analog Devices AD6636_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
AD6636
Rev. A | Page 24 of 80
Figure 26 is a block diagram of the peak detector logic. The
MSR contains the absolute magnitude of the peak detected by
the peak detector logic.
POWER MONITOR
HOLDING
REGISTER
MAGNITUDE
STORAGE
REGISTER
COMPARE
A>B
TO
MEMORY
MAP
FROM
MEMORY
MAP
FROM
INPUT
PORTS
LOAD
CLEAR
LOAD
LOAD
IS COUNT = 1?
DOWN
COUNTER
TO
INTERRUPT
CONTROLLER
POWER MONITOR
PERIOD REGISTER
Figure 26. ADC Input Peak Detector Block Diagram
Mean Power Mode (Control Bits 01)
In this mode, the mean power of the input port signal is
integrated (by adding an accumulator) over a programmable
time period (given by AMPR) to give the mean power of the
input signal. This mode is set by programming Logic 1 in the
power monitor function select bits of the power monitor
control register for each individual input port. The 24-bit
AMPR, representing the period over which integration is
performed, must be programmed before activating this mode.
After enabling this mode, the value in the AMPR is loaded into
a monitor period timer, and the countdown is started
immediately. The 15-bit mean power of input signal is right-
shifted by nine bits to give 6-bit data. This 6-bit data is added to
the contents of a 24-bit holding register, thus performing an
accumulation. The integration continues until the monitor
period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the value
in the MSR is transferred to the power-monitor holding register
(after some formatting), which can be read through the
microport or the serial port. The monitor period timer is
reloaded with the value in the AMPR, and the countdown is
started. Also, the first input sample signal power is updated in
the MSR, and the accumulation continues with the subsequent
input samples. If the interrupt is enabled, an interrupt is
generated, and the interrupt status register is updated when the
AMPR reaches a count of 1. Figure 27 illustrates the mean
power-monitoring logic.
The value in the MSR is a floating-point number with 4 MSBs
and 20 LSBs. If the 4 MSBs are EXP and the 20 LSBs are MAG,
the value in dBFS can be decoded by
Mean Power = 10 log
⎥⎦
⎢⎣
)
(
1
20
2
2
EXP
MAG
POWER MONITOR
HOLDING
REGISTER
ACCUMULATOR
TO
MEMORY
MAP
FROM
MEMORY
MAP
FROM
INPUT
PORTS
LOAD
CLEAR
LOAD
IS COUNT = 1?
DOWN
COUNTER
TO
INTERRUPT
CONTROLLER
POWER MONITOR
PERIOD REGISTER
Figure 27. ADC Input Mean Power-Monitoring Block Diagram
Threshold Crossing Mode (Control Bits 10)
In this mode of operation, the magnitude of the input port
signal is monitored over a programmable time period (given by
AMPR) to count the number of times it crosses a certain
programmable threshold value. This mode is set by program-
ming Logic 1x (where x is a don’t care bit) in the power-monitor
function select bits of the power monitor control register for
each individual input port. Before activating this mode, the user
needs to program the 24-bit AMPR and the 10-bit upper
threshold register for each individual input port. The same
upper threshold register is used for both power monitoring and
gain control (see the ADC Gain Control section).
After entering this mode, the value in the AMPR is loaded into
a monitor period timer, and the countdown is started. The
magnitude of the input signal is compared to the upper
threshold register (programmed previously) on each input clock
cycle. If the input signal has magnitude greater than the upper
threshold register, then the MSR register is incremented by 1.
The initial value of the MSR is set to 0. This comparison and
increment of the MSR register continues until the monitor
period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the value
in the MSR is transferred to the power monitor holding register,
which can be read through the microport or the serial port. The
monitor period timer is reloaded with the value in the AMPR,
and the countdown is started. The MSR register is also cleared
to a value of 0. If interrupts are enabled, an interrupt is
generated, and the interrupt status register is updated when the
AMPR reaches a count of 1. Figure 28 illustrates the threshold
crossing logic. The value in the MSR is the number of samples
that have an amplitude greater than the threshold register.
POWER MONITOR
HOLDING
REGISTER
COMPARE
A > B
UPPER
THRESHOLD
REGISTER
COMPARE
A > B
TO
MEMORY
MAP
FROM
MEMORY
MAP
FROM
MEMORY
MAP
FROM
INPUT
PORTS
LOAD
CLEAR
LOAD
IS COUNT = 1?
DOWN
COUNTER
TO
INTERRUPT
CONTROLLER
POWER MONITOR
PERIOD REGISTER
B
A
Figure 28. ADC Input Threshold Crossing Block Diagram


Número de pieza similar - AD6636_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6636BBCZ1 AD-AD6636BBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636BC AD-AD6636BC Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636CBCZ1 AD-AD6636CBCZ1 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
AD6636PCB AD-AD6636PCB Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
More results

Descripción similar - AD6636_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
   150 MSPS Wideband Digital Down-Converter (DDC)
REV. 0
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9600ABCPZ-150 AD-AD9600ABCPZ-150 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com