Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD80C88-2 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza CD80C88-2
Descripción Electrónicos  CMOS 8/16-Bit Microprocessor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD80C88-2 Datasheet(HTML) 5 Page - Intersil Corporation

  CD80C88-2 Datasheet HTML 1Page - Intersil Corporation CD80C88-2 Datasheet HTML 2Page - Intersil Corporation CD80C88-2 Datasheet HTML 3Page - Intersil Corporation CD80C88-2 Datasheet HTML 4Page - Intersil Corporation CD80C88-2 Datasheet HTML 5Page - Intersil Corporation CD80C88-2 Datasheet HTML 6Page - Intersil Corporation CD80C88-2 Datasheet HTML 7Page - Intersil Corporation CD80C88-2 Datasheet HTML 8Page - Intersil Corporation CD80C88-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
3-5
Pin Description (Continued)
The following pin function descriptions are for 80C88 system in minimum mode (i.e., MN/MX = VCC). Only the pin functions
which are unique to the minimum mode are described; all other pin functions are as described above.
MINIMUM MODE SYSTEM
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
IO/M
28
O
STATUS LINE: is an inverted maximum mode S2. It is used to distinguish a memory access from
an I/O access. IO/M becomes valid in the T4 preceding a bus cycle and remains valid until the final
T4 of the cycle (I/O = HIGH, M = LOW). IO/M is held to a high impedance logic one during local bus
“hold acknowledge”.
WR
29
O
Write: strobe indicates that the processor is performing a write memory or write I/O cycle, depend-
ing on the state of the IO/M signal. WR is active for T2, T3, and Tw of any write cycle. It is active
LOW, and is held to high impedance logic one during local bus “hold acknowledge”.
INTA
24
O
INTA: is used as a read strobe for interrupt acknowledge cycles. It is active LOW during T2, T3 and
Tw of each interrupt acknowledge cycle. Note that INTA is never floated.
ALE
25
O
ADDRESS LATCH ENABLE: is provided by the processor to latch the address into the
82C82/82C83 address latch. It is a HIGH pulse active during clock low of T1 of any bus cycle. Note
that ALE is never floated.
DT/R
27
O
DATA TRANSMIT/RECEIVE: is needed in a minimum system that desires to use an 82C86/82C87
data bus transceiver. It is used to control the direction of data flow through the transceiver. Logically,
DT/R is equivalent to S1 in the maximum mode, and its timing is the same as for IO/M (T = HIGH,
R = LOW). This signal is held to a high impedance logic one during local bus “hold acknowledge”.
DEN
26
O
DATA ENABLE: is provided as an output enable for the 82C86/82C87 in a minimum system which
uses the transceiver. DEN is active LOW during each memory and I/O access, and for INTA cycles.
For a read or INTA cycle, it is active from the middle of T2 until the middle of T4, while for a write
cycle, it is active from the beginning of T2 until the middle of T4. DEN is held to high impedance logic
one during local bus “hold acknowledge”.
HOLD,
HLDA
31
30
I
O
HOLD: indicates that another master is requesting a local bus “hold”. To be acknowledged, HOLD
must be active HIGH. The processor receiving the “hold” request will issue HLDA (HIGH) as an
acknowledgment, in the middle of a T4 or T1 clock cycle. Simultaneous with the issuance of HLDA
the processor will float the local bus and control lines. After HOLD is detected as being LOW, the
processor lowers HLDA, and when the processor needs to run another cycle, it will again drive the
local bus and control lines.
Hold is not an asynchronous input. External synchronization should be provided if the system cannot
otherwise guarantee the set up time.
SS0
34
O
STATUS LINE: is logically equivalent to S0
in the maximum mode. The combination of
SS0, IO/M and DT/R allows the system to
completely decode the current bus cycle
status. SS0 is held to high impedance logic
one during local bus “hold acknowledge”.
IO/M
DT/R
SS0
CHARACTERISTICS
1
0
0
Interrupt Acknowledge
1
0
1
Read I/O Port
1
1
0
Write I/O Port
1
1
1
Halt
0
0
0
Code Access
0
0
1
Read Memory
0
1
0
Write Memory
0
1
1
Passive
80C88


Número de pieza similar - CD80C88-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD80C86 INTERSIL-CD80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
CD80C86-2 INTERSIL-CD80C86-2 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
More results

Descripción similar - CD80C88-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
   CMOS 8/16-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
   CMOS 8-/16-Bit Microprocessor
logo
Intersil Corporation
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
   CMOS 8-/16-Bit Microprocessor
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
logo
OKI electronic componet...
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
   8-Bit CMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com