Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6652 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD6652
Descripción Electrónicos  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6652_15 Datasheet HTML 5Page - Analog Devices AD6652_15 Datasheet HTML 6Page - Analog Devices AD6652_15 Datasheet HTML 7Page - Analog Devices AD6652_15 Datasheet HTML 8Page - Analog Devices AD6652_15 Datasheet HTML 9Page - Analog Devices AD6652_15 Datasheet HTML 10Page - Analog Devices AD6652_15 Datasheet HTML 11Page - Analog Devices AD6652_15 Datasheet HTML 12Page - Analog Devices AD6652_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
AD6652
Rev. 0 | Page 9 of 76
MICROPROCESSOR PORT TIMING CHARACTERISTICS
All timing specifications valid over VDD range of 2.25 V to 2.75 V and VDDIO range of 3.0 V to 3.6 V.
CLOAD = 40 pF on all outputs, unless otherwise specified.
Table 7.
MICROPROCESSOR PORT, MODE INM (MODE = 0)
Temp
Test Level
Min
Typ
Max
Unit
MODE INM WRITE TIMING
tSC
Control1 to
↑CLK Setup Time
Full
IV
2.0
ns
tHC
Control1 to
↑CLK Hold Time
Full
IV
2.5
ns
tHWR
WR(R/W) to RDY(DTACK) Hold Time
Full
IV
7.0
ns
tSAM
Address/Data to WR(R/W) Setup Time
Full
IV
3.0
ns
tHAM
Address/Data to RDY(DTACK) Hold Time
Full
IV
5.0
ns
tDRDY
WR(R/W) to RDY(DTACK) Delay
Full
IV
8.0
ns
tACC
WR(R/W) to RDY(DTACK) High Delay
Full
IV
4 × tCLK
5 × tCLK
9 × tCLK
ns
MODE INM READ TIMING
tSC
Control1 to
↑CLK Setup Time
Full
IV
5.0
ns
tHC
Control1 to
↑CLK Hold Time
Full
IV
2.0
ns
tSAM
Address to RD(DS) Setup Time
Full
IV
0.0
ns
tHAM
Address to Data Hold Time
Full
IV
5.0
ns
tDRDY
RD(DS) to RDY(DTACK) Delay
Full
IV
8.0
ns
tACC
RD(DS) to RDY(DTACK) High Delay
Full
IV
8 × tCLK
10 × tCLK
13 × tCLK
ns
MICROPROCESSOR PORT, MODE MNM (MODE = 1)
Temp
Test Level
Min
Typ
Max
Unit
MODE MNM WRITE TIMING
tSC
Control1 to
↑CLK Setup Time
Full
IV
2.0
ns
tHC
Control1 to
↑CLK Hold Time
Full
IV
2.5
ns
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tHRW
R/W(WR) to DTACK(RDY) Hold Time
Full
IV
7.0
ns
tSAM
Address/Data To R/W(WR) Setup Time
Full
IV
3.0
ns
tHAM
Address/Data to R/W(WR) Hold Time
Full
IV
5.0
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
Full
IV
8.0
ns
tACC
R/W(WR) to DTACK(RDY) Low Delay
Full
IV
4 × tCLK
5 × tCLK
9 × tCLK
ns
MODE MNM READ TIMING
tSC
Control1 to
↑CLK Setup Time
Full
IV
5.0
ns
tHC
Control1 to
↑CLK Hold Time
Full
IV
2.0
ns
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
8.0
ns
tSAM
Address to DS(RD) Setup Time
Full
IV
0.0
ns
tHAM
Address to Data Hold Time
Full
IV
5.0
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
Full
IV
8.0
ns
tACC
DS(RD) to DTACK(RDY) Low Delay
Full
IV
8 × tCLK
10 × tCLK
13 × tCLK
ns
1 Specification pertains to control signals: R/W, (WR), DS, (RD), and CS.


Número de pieza similar - AD6652_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6652BBC AD-AD6652BBC Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6652BC AD-AD6652BC Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6652PCB AD-AD6652PCB Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
More results

Descripción similar - AD6652_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD6652 AD-AD6652 Datasheet
1Mb / 76P
   12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6650 AD-AD6650 Datasheet
594Kb / 28P
   Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PrJ 02/27/03
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6654 AD-AD6654 Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
   14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com