Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL54233IRUZ-T7A Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL54233IRUZ-T7A Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 18 page ISL54233 2 FN7918.0 December 21, 2011 Pin Configuration 12 LD 2.2X1.4 UTQFN TOP VIEW 12 LD 3x3 TQFN TOP VIEW NOTE: 1. ISL54233 switches shown for C1 = Logic “1” and C0 = Logic “0”. 10 12 9 C1 COM - COM + VDD C0 8 7 11 6 4 5 2 1 3 3D+ 2D- 2D+ GND 1D- 1D+ 3D- LOGIC CONTROL 4MΩ 4MΩ 1 3 12 C1 COM - COM + VDD C0 11 10 2 9 7 8 5 46 3D+ 2D- 2D+ GND 1D- 1D+ 3D- LOGIC CONTROL 4MΩ 4MΩ PD Pin Descriptions UTQFN TQFN NAME FUNCTION 1 1 3D+ USB3/DV Differential Input 2 2 2D- USB2/DV Differential Input 3 3 2D+ USB2/DV Differential Input 4 4 1D- USB1/DV Differential Input 5 5 1D+ USB1/DV Differential Input 6 6 GND Ground Connection 7 7 COM+ Data Common Pin 8 8 COM- Data Common Pin 9 9 C1 Digital Control Input 10 10 C0 Digital Control Input 11 11 VDD Power Supply 12 12 3D- USB3/DV Differential Input - PAD PAD Thermal Pad. Tie to Ground or Float Truth Table C1 C0 MODE COMMENTS 0 0 Wired-OR Audio All switches open 0 1 USB/DV #1 1D- and 1D+ ON 1 0 USB/DV #2 2D- and 2D+ ON 1 1 USB/DV #3 3D- and 3D+ ON C0, C1: Logic “0” when ≤ 0.5V or float, Logic “1” when ≥ 1.4V with VDD in range of 2.7V to 3.6V. |
Número de pieza similar - ISL54233IRUZ-T7A |
|
Descripción similar - ISL54233IRUZ-T7A |