Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7490 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7490
Descripción Electrónicos  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7490_15 Datasheet HTML 6Page - Analog Devices AD7490_15 Datasheet HTML 7Page - Analog Devices AD7490_15 Datasheet HTML 8Page - Analog Devices AD7490_15 Datasheet HTML 9Page - Analog Devices AD7490_15 Datasheet HTML 10Page - Analog Devices AD7490_15 Datasheet HTML 11Page - Analog Devices AD7490_15 Datasheet HTML 12Page - Analog Devices AD7490_15 Datasheet HTML 13Page - Analog Devices AD7490_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7490
Rev. D | Page 9 of 28
–50
–85
–80
–75
–70
–65
–60
–55
10
100
1000
INPUT FREQUENCY (Hz)
RIN = 1000Ω
RIN = 100Ω
RIN = 10Ω
RIN = 5Ω
fS = 1MSPS
TA = 25°C
VDD = 5.25V
RANGE = 0V TO REFIN
Figure 9. THD vs. Analog Input Frequency
for Various Analog Source Impedances
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 10. Typical INL
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 11. Typical DNL


Número de pieza similar - AD7490_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490_17 Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
More results

Descripción similar - AD7490_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
   16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com