Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ17A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SMBJ17A
Descripción Electrónicos  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ17A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMBJ17A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ17A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ17A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMBJ17A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJ5.0 thru SMBJ170CA
Document Number: SMBJ5.0 thru SMBJ170CA
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Reverse
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
SMBJ5.0
SMBJ5.0A
SMBJ6.0
SMBJ6.0A
6.40
6.40
6.67
6.67
7.30
7.00
8.15
7.37
10
10
10
10
5.0
5.0
6.0
6.0
800
800
800
800
62.5
65.2
52.6
58.3
9.6
9.2
11.4
10.3
SMBJ6.5
SMBJ6.5A
SMBJ7.0
SMBJ7.0A
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
10
10
10
10
6.5
6.5
7.0
7.0
500
500
200
200
48.7
53.6
45.1
50.0
12.3
11.2
13.3
12.0
SMBJ7.5
SMBJ7.5A
SMBJ8.0
SMBJ8.0A
8.33
8.33
8.89
8.89
10.2
9.21
10.9
9.83
1
1
1
1
7.5
7.5
8.0
8.0
100
100
50
50
42.0
46.5
40.0
44.1
14.3
12.9
15.0
13.6
SMBJ8.5
SMBJ8.5A
SMBJ9.0
SMBJ9.0A
9.44
9.44
10.0
10.0
11.5
10.4
12.2
11.1
1
1
1
1
8.5
8.5
9.0
9.0
10
10
5
5
37.7
41.7
35.5
39.0
15.9
14.4
16.9
15.4
SMBJ10
SMBJ10A
SMBJ11
SMBJ11A
11.1
11.1
12.2
12.2
13.6
12.3
14.9
13.5
1
1
1
1
10.0
10.0
11.0
11.0
5
5
5
5
31.9
35.3
29.9
33.0
18.8
17.0
20.1
18.2
SMBJ12
SMBJ12A
SMBJ13
SMBJ13A
13.3
13.3
14.4
14.4
16.3
14.7
17.6
15.9
1
1
1
1
12.0
12.0
13.0
13.0
5
5
1
1
27.3
30.2
25.2
27.9
22.0
19.9
23.8
21.5
SMBJ14
SMBJ14A
SMBJ15
SMBJ15A
15.6
15.6
16.7
16.7
19.1
17.2
20.4
18.5
1
1
1
1
14.0
14.0
15.0
15.0
1
1
1
1
23.3
25.8
22.3
24.0
25.8
23.2
26.9
24.4
SMBJ16
SMBJ16A
SMBJ17
SMBJ17A
17.8
17.8
18.9
18.9
21.8
19.7
23.1
20.9
1
1
1
1
16.0
16.0
17.0
17.0
1
1
1
1
20.8
23.1
19.7
21.7
28.8
26.0
30.5
27.6
SMBJ18
SMBJ18A
SMBJ20
SMBJ20A
20.0
20.0
22.2
22.2
24.4
22.1
27.1
24.5
1
1
1
1
18.0
18.0
20.0
20.0
1
1
1
1
18.6
20.5
16.7
18.5
32.2
29.2
35.8
32.4
SMBJ22
SMBJ22A
SMBJ24
SMBJ24A
24.4
24.4
26.7
26.7
29.8
26.9
32.6
29.5
1
1
1
1
22.0
22.0
24.0
24.0
1
1
1
1
15.2
16.9
14.0
15.4
39.4
35.5
43.0
38.9
SMBJ26
SMBJ26A
SMBJ28
SMBJ28A
28.9
28.9
31.1
31.1
35.3
31.9
38.0
34.4
1
1
1
1
26.0
26.0
28.0
28.0
1
1
1
1
12.4
14.2
12.0
13.2
46.6
42.1
50.0
45.4
SMBJ30
SMBJ30A
SMBJ33
SMBJ33A
33.3
33.3
36.7
36.7
40.7
36.8
44.9
40.6
1
1
1
1
30.0
30.0
33.0
33.0
1
1
1
1
11.2
12.4
10.2
11.3
53.5
48.4
59.0
53.3
SMBJ36
SMBJ36A
SMBJ40
SMBJ40A
40.0
40.0
44.4
44.4
48.9
44.2
54.3
49.1
1
1
1
1
36.0
36.0
40.0
40.0
1
1
1
1
9.3
10.3
8.4
9.3
64.3
58.1
71.4
64.5
打印无效


Número de pieza similar - SMBJ17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SMBJ17A LITTELFUSE-SMBJ17A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Vishay Siliconix
SMBJ17A VISHAY-SMBJ17A Datasheet
112Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 04-Sep-07
logo
Jinan Gude Electronic D...
SMBJ17A JGD-SMBJ17A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
SMBJ17A ZSELEC-SMBJ17A Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ17A SOCAY-SMBJ17A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Descripción similar - SMBJ17A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com