Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3080 Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza CA3080
Descripción Electrónicos  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3080 Datasheet HTML 3Page - Intersil Corporation CA3080 Datasheet HTML 4Page - Intersil Corporation CA3080 Datasheet HTML 5Page - Intersil Corporation CA3080 Datasheet HTML 6Page - Intersil Corporation CA3080 Datasheet HTML 7Page - Intersil Corporation CA3080 Datasheet HTML 8Page - Intersil Corporation CA3080 Datasheet HTML 9Page - Intersil Corporation CA3080 Datasheet HTML 10Page - Intersil Corporation CA3080 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FIGURE 30. INPUT-TO-OUTPUT CAPACITANCE TEST CIRCUIT
FIGURE 31. INPUT-TO-OUTPUT CAPACITANCE vs SUPPLY
VOLTAGE
Typical Performance Curves (Continued)
5
7
V+
2
3
4
V-
CA3080, A
0.01
µF
6
0.01
µF
f = 1 MHz
TA = 25
oC
0.06
0.05
0.04
0.03
0.02
0.01
0
2
4
6
8
1012
1416
18
POSITIVE AND NEGATIVE SUPPLY VOLTAGE (V)
CA3080, CA3080A


Número de pieza similar - CA3080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080 ROCHESTER-CA3080 Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
List of Unclassifed Man...
CA3080 ETC2-CA3080 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3080A INTERSIL-CA3080A Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

Descripción similar - CA3080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com