Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3194E Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza CA3194E
Descripción Electrónicos  Single Chip PAL Luminance/Chroma Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3194E Datasheet(HTML) 8 Page - Intersil Corporation

  CA3194E Datasheet HTML 1Page - Intersil Corporation CA3194E Datasheet HTML 2Page - Intersil Corporation CA3194E Datasheet HTML 3Page - Intersil Corporation CA3194E Datasheet HTML 4Page - Intersil Corporation CA3194E Datasheet HTML 5Page - Intersil Corporation CA3194E Datasheet HTML 6Page - Intersil Corporation CA3194E Datasheet HTML 7Page - Intersil Corporation CA3194E Datasheet HTML 8Page - Intersil Corporation CA3194E Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7-63
CA3194
Test Circuit
FIGURE 19. TEST CIRCUIT
NOTES:
4.43361875MHz
Trim CO for zero phase; Trim RO for quad phase.
2.2
µ
2.2
µ
BEAM
LIMIT
INFO
(VAB)
BRIGHTN. CONTRAST
1K
RC
24
16
µ
(VB)(VC)
15K
15K
+
AV.
BEAM
LIMIT
BRIGHT-
NESS
CON-
TRAST
LP
FILTER
23
22
21
20
LUMA
INPUT
PEAK
BEAM
LIMIT
(VPB)
1K8
+12V
1
µ
+
220n
R OUT
G OUT
B OUT
OUTPUTS
RG
B
SAND
CASTLE
INPUT
VR-Y
VB-Y
SAND
CASTLE
INPUT
1K
15K
19
18
17
16
15
14
13
GND
CHROMA
OUT
SAT.
SAT.
CHROMA
INPUT
ACC
ACC
APC
APC
2K2
1
µ
0.1
µ
22n
4
µ7
47n
120p
10%
5%
+
330
RO
22
µH
VCO
90o
VCO
0o
VCO
OUT
B+
12
11
10
9
8
7
6
5
4
3
2
1
3n3
68p
15K
2
µ2
+
+
L5
9
µH
BIF.
430
Ω/5%
+12V
0.1
µ
39pF
+
22
µ
820
CX
5-25p
DL 700
1
23
4
(VS)
2K2
1K
47p
L4
10
µH
DL
PHASE
10n
10n
390
10p
CO
DELAY LINE
AMPLITUDE
CHROMA
INPUT
LUMA
INPUT
CA3194E
++


Número de pieza similar - CA3194E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3193 INTERSIL-CA3193 Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193AE INTERSIL-CA3193AE Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
CA3193E INTERSIL-CA3193E Datasheet
544Kb / 11P
   1.2MHz, BiCMOS Precision Operational Amplifiers
January 1998
More results

Descripción similar - CA3194E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3217 INTERSIL-CA3217 Datasheet
339Kb / 9P
   Single Chip TV Chroma/Luminance Processor
logo
NTE Electronics
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
   Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
logo
Renesas Technology Corp
M51403FP RENESAS-M51403FP Datasheet
3Mb / 12P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
M52045FP RENESAS-M52045FP Datasheet
181Kb / 14P
   PAL Video Chroma Signal Processor
logo
Toshiba Semiconductor
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
Sanyo Semicon Device
LA7323 SANYO-LA7323 Datasheet
551Kb / 13P
   Single-Chip HQ Luminance Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com