Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7719 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7719
Descripción Electrónicos  Low Voltage, Low Power
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7719_15 Datasheet HTML 7Page - Analog Devices AD7719_15 Datasheet HTML 8Page - Analog Devices AD7719_15 Datasheet HTML 9Page - Analog Devices AD7719_15 Datasheet HTML 10Page - Analog Devices AD7719_15 Datasheet HTML 11Page - Analog Devices AD7719_15 Datasheet HTML 12Page - Analog Devices AD7719_15 Datasheet HTML 13Page - Analog Devices AD7719_15 Datasheet HTML 14Page - Analog Devices AD7719_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
REV. A
AD7719
–11–
Typical Performance Characteristics–
READING NO.
8389600
8389400
8388000
0
1000
100
200
300
8389200
400
500
600
700
800
900
8389000
8388800
8388600
8388400
8388200
AVDD = DVDD = 5V
INPUT RANGE =
20mV
REFIN1(+)–REFIN1(–) = 2.5V
UPDATE RATE = 19.79Hz
MAIN ADC IN BUFFERED MODE
RMS NOISE = 0.58 V rms
TA = 25 C
VREF = 2.5V
TPC 1. Typical Noise Plot on ±20 mV Input Range with
19.79 Hz Update Rate
8
7
0
6
5
4
3
2
1
9
TPC 2. Noise Distribution Histogram
2.5
0
1.0
3.0
2.5
2.0
1.5
3.5
5.0
4.5
4.0
2.0
1.5
1.0
0.5
3.0
VREF (V)
20mV RANGE
2.56V RANGE
AVDD = DVDD = 5V
VREF = 2.5V
INPUT RANGE =
2.56V
UPDATE RATE = 19.79Hz
TA = 25 C
TPC 3. RMS Noise vs. Reference Input
16
040
30
20
10
50
100
90
80
70
60
24
22
20
18
26
UPDATE RATE (Hz)
110
TPC 4. No-Missing-Codes Performance
TEMPERATURE SENSOR ( C)
1400
1200
0
50
30
10
20
40
800
600
400
200
1000
THE AMBIENT
TEMPERATURE VARIES
FROM 25 C TO 30 C
WHILE RECORDING
THE DATA FROM
THE DEVICES.
TPC 5. Temperature Sensor Accuracy
MAIN CAL ACC. @ 4V ( V)
1200
0
20
0
–20
–10
10
800
600
400
200
1000
–30
TPC 6. Full-Scale Error Distribution


Número de pieza similar - AD7719_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
More results

Descripción similar - AD7719_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
   Low voltage, low power
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
   Low voltage, low power
HP03S ETC2-HP03S Datasheet
200Kb / 7P
   Low voltage, low power consumption
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
   Ultra Low-Power Low-Voltage
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Cirrus Logic
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Maxim Integrated Produc...
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com