Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7706BRZ-REEL1 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7706BRZ-REEL1
Descripción Electrónicos  3 V/5 V, 1 mW, 2-/3-Channel
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7706BRZ-REEL1 Datasheet(HTML) 4 Page - Analog Devices

  AD7706BRZ-REEL1 Datasheet HTML 1Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 2Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 3Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 4Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 5Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 6Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7706BRZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD7705/AD7706
Rev. C | Page 4 of 44
PRODUCT HIGHLIGHTS
1.
The AD7705/AD7706 devices consume less than 1 mW at
3 V supplies and 1 MHz master clock, making them ideal
for use in low power systems. Standby current is less than 8
μA.
2.
The programmable gain input allows the AD7705/AD7706
to accept input signals directly from a strain gage or
transducer, removing a considerable amount of signal
conditioning.
3.
The AD7705/AD7706 are ideal for microcontroller or DSP
processor applications with a 3-wire serial interface,
reducing the number of interconnect lines and reducing
the number of opto-couplers required in isolated systems.
4.
The parts feature excellent static performance
specifications with 16 bits, no missing codes, ±0.003%
accuracy, and low rms noise (<600 nV). Endpoint errors
and the effects of temperature drift are eliminated by on-
chip calibration options, which remove zero-scale and full-
scale errors.


Número de pieza similar - AD7706BRZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7706BRZ-REEL1 AD-AD7706BRZ-REEL1 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
More results

Descripción similar - AD7706BRZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com