Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2982-A-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SC2982-A-HF
Descripción Electrónicos  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2982-A-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2982-A-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2982-A-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
Ambient temperature Ta (°C)
Safe Operating Area
Collector current IC (A)
Collector-emitter voltage VCE (V)
IC – VCE
VCE (sat) – IC
Collector-emitter voltage VCE (V)
Collector current IC (A)
hFE – IC
Base-emitter voltage VBE (V)
IC – VBE
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
IB = 5 mA
Common emitter
Ta = 25°C
10
15
25
60
0
1000
500
300
100
50
30
0.01
0.03
0.1
0.3
10
1
3
10
Ta = 100°C
−25
25
Common emitter
VCE = 1 V
2.0
0
0.4
0.8
1.2
1.6
Common emitter
VCE = 1 V
Ta = 100°C
4.0
3.2
2.4
1.6
0.8
0
−25
25
1
0.01
0.03
0.1
0.3
0.5
0.3
0.1
0.05
0.03
0.01
1
3
10
Common emitter
IC/IB = 40
Ta = 100°C
−25
25
PC – Ta
0
0
0.8
0.2
0.4
0.6
20
40
60
80
100
120
140
160
1.2
1.0
(1)
(2)
(1) Mounted on a ceramic substrate
(250 mm
2
× 0.8 t)
(2) No heat sink
1.4
5
0.01
0.1
0.5
10
3
1
0.3
0.1
1
0.3
3
30
10
100
DC operation
Ta = 25°C
IC max (pulse)*
IC max (continuous)
100 ms* 10 ms*
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
Tested without a substrate.
VCEO max
NPN Transistors
2SC2982-HF


Número de pieza similar - 2SC2982-A-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC2982-A KEXIN-2SC2982-A Datasheet
976Kb / 2P
   NPN Transistors
More results

Descripción similar - 2SC2982-A-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com