Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC3134-H5-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de Pieza. 2SC3134-H5-HF
Descripción  NPN Transistors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo 

2SC3134-H5-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
IC -- VCE
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
IB=0
200µA
150µA
100µA
50µA
250µ
A
From top
500µA
450µA
400µA
350µA
300µA
IC -- VBE
0
0.4
0.8
1.2
1.6
0
20
40
60
80
100
VCE=6V
Pulse
IC -- VCE
0
10
20
30
40
50
0
4
8
12
16
20
IB=0
70µA
60µA
50µA
40µA
30µA
20µA
10µA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
Base-to-Emitter Voltage, VBE – V
1000
100
hFE -- IC
2
5
2
5
2
2
5
0.1
1.0
10
100
2
3
5
7
2
3
5
7
VCE=6V
Pulse
Collector Current, IC – mA
7 1.0
3
3
2
5
7
5
10
5
7 100
2
1.0
7
10
5
3
3
2
2
Cob -- VCB
f=1MHz
7 0.1
3
3
2
5 7 10
5 7 100
2
2
10
7
100
5
3
7
1000
5
3
2
2
fT -- IC
VCE=6V
Pulse
Collector Current, IC – mA
Collector-to-Base Voltage, VCB -- V
NPN Transistors
2SC3134-HF


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn