Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3310 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza CA3310
Descripción Electrónicos  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310 Datasheet(HTML) 3 Page - Intersil Corporation

  CA3310 Datasheet HTML 1Page - Intersil Corporation CA3310 Datasheet HTML 2Page - Intersil Corporation CA3310 Datasheet HTML 3Page - Intersil Corporation CA3310 Datasheet HTML 4Page - Intersil Corporation CA3310 Datasheet HTML 5Page - Intersil Corporation CA3310 Datasheet HTML 6Page - Intersil Corporation CA3310 Datasheet HTML 7Page - Intersil Corporation CA3310 Datasheet HTML 8Page - Intersil Corporation CA3310 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
6-8
Typical Application Schematics
INPUT RANGE
R1
R2
R3
R4
R5
0V TO 2.5V
4.99K
9.09K
OPEN
4.99K
9.09K
0V TO 5V
4.99K
4.53K
OPEN
4.99K
4.53K
0V TO 10V
10K
4.53K
OPEN
10K
4.53K
-2.5V TO +2.5V
4.99K
9.09K
9.09K
4.99K
4.53K
-5V TO +5V
10K
9.09K
9.09K
10K
4.53K
+5V SUPPLY
0.1
µF CER
D
START CONVERSATION
RESET FLAG
HIGH BYTE ENABLE
LOW BYTE ENABLE
OUTPUT DATA
DATA READY FLAG
2MHz CLOCK
NC
AD
D
ADJUST
100
-1V
A
0.1
VDD
STRT
DRST
OEM
OEL
D0 - D9
DRDY
CLK
REXT
VSS
VAA+
VREF+
CA3310/A
VREF-
VAA-
VIN
47pF
R5
10K
1
2
3
4
5
6
7
8
CA3140
8
ICL7663S
3
1
6
4
5
A
A
R2
R3
ADJUST
GAIN
100
Ω ±10%
4.5V
75V
5K
28.7K
A
100
+8V
OPTIONAL
VDD
R4
+
VIN
-
R1
TO
+15V
CLAMP
A
A
0.1
A
+
4.7
µF
TAN
+
A
A
4.7
µF
TAN
UNLESS NOTED,
ALL RESISTORS =
1% METAL FILM,
POTS = 10 TURN, CERMET
D = DIGITAL GROUND
A = ANALOG GROUND
TO
-15V
OFF SET
+
-
CA3310, CA3310A


Número de pieza similar - CA3310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310A INTERSIL-CA3310A Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310AM INTERSIL-CA3310AM Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310E INTERSIL-CA3310E Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310M INTERSIL-CA3310M Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
More results

Descripción similar - CA3310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com