Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC849W Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BC849W
Descripción Electrónicos  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC849W Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BC849W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC849W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC849W Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
BC849W ~ BC850W
(KC849W ~ KC850W)
Typical Characterisitics
Fig.1 DC current gain; typical values.
handbook, full pagewidth
0
300
100
200
10−2
10−1
hFE
1
IC (mA)
0
1
0
1
3
102
VCE = 5 V
BC849BW; BC850BW.
Fig.2 DC current gain; typical values.
0
600
200
400
10−2
10−1
hFE
1
IC (mA)
0
1
0
1
3
102
VCE = 5 V
BC849CW; BC850CW.


Número de pieza similar - BC849W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC849W PHILIPS-BC849W Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC849W INFINEON-BC849W Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC849W DIOTEC-BC849W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC849W DIOTEC-BC849W Datasheet
99Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
SEMTECH ELECTRONICS LTD...
BC849W SEMTECH_ELEC-BC849W Datasheet
260Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Descripción similar - BC849W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com