Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7739 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7739
Descripción Electrónicos  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 4 Page - Analog Devices

  AD7739_15 Datasheet HTML 1Page - Analog Devices AD7739_15 Datasheet HTML 2Page - Analog Devices AD7739_15 Datasheet HTML 3Page - Analog Devices AD7739_15 Datasheet HTML 4Page - Analog Devices AD7739_15 Datasheet HTML 5Page - Analog Devices AD7739_15 Datasheet HTML 6Page - Analog Devices AD7739_15 Datasheet HTML 7Page - Analog Devices AD7739_15 Datasheet HTML 8Page - Analog Devices AD7739_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7739
Data Sheet
Rev. A | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS
REFIN(+) to REFIN(−) Voltage1, 9
2.475
2.5
2.525
V
NOREF Trigger Voltage
0.5
V
NOREF bit in channel status register
REFIN(+), REFIN(−) Common-Mode/
Absolute Voltage1
0
AVDD
V
Reference Input DC Current10
400
μA
SYSTEM CALIBRATION1, 11
Full-Scale Calibration Limit
+1.05 × FS
V
Zero-Scale Calibration Limit
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
LOGIC INPUTS
Input Current
±1
μA
Input Current CS
±10
μA
CS = DVDD
−40
μA
CS = DGND, internal pull-up resistor
Input Capacitance
5
pF
VT+1
1.4
2
V
DVDD = 5 V
VT–1
0.8
1.4
V
DVDD = 5 V
VT+ – VT–1
0.3
0.85
V
DVDD = 5 V
VT+1
0.95
2
V
DVDD = 3 V
VT–1
0.4
1.1
V
DVDD = 3 V
VT+ – VT–1
0.3
0.85
V
DVDD = 3 V
MCLK IN ONLY
Input Current
±10
μA
Input Capacitance
5
pF
VINL Input Low Voltage
0.8
V
DVDD = 5 V
VINH Input High Voltage
3.5
V
DVDD = 5 V
VINL Input Low Voltage
0.4
V
DVDD = 3 V
VINH Input High Voltage
2.5
V
DVDD = 3 V
LOGIC OUTPUTS12
VOL Output Low Voltage
0.4
V
ISINK = 800 μA, DVDD = 5 V
VOH Output High Voltage
4.0
V
ISOURCE = 200 μA, DVDD = 5 V
VOL Output Low Voltage
0.4
V
ISINK = 100 μA, DVDD = 3 V
VOH Output High Voltage
DVDD − 0.6
V
ISOURCE = 100 μA, DVDD = 3 V
Floating State Leakage Current
±1
μA
Floating State Leakage Capacitance
3
pF
P0, P1 INPUTS/OUTPUTS
Levels referenced to analog supplies
Input Current
±10
μA
VINL Input Low Voltage
0.8
V
AVDD = 5 V
VINH Input High Voltage
3.5
V
AVDD = 5 V
VOL Output Low Voltage
0.4
V
ISINK = 8 mA, AVDD = 5 V
VOH Output High Voltage
4.0
V
ISOURCE = 200 μA, AVDD = 5 V


Número de pieza similar - AD7739_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
More results

Descripción similar - AD7739_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738_17 Datasheet
417Kb / 29P
   8-Channel, High Throughput, 24-Bit ADC
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com