Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7745 Datasheet(PDF) 16 Page - Analog Devices

No. de pieza AD7745
Descripción Electrónicos  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7745 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7745_15 Datasheet HTML 12Page - Analog Devices AD7745_15 Datasheet HTML 13Page - Analog Devices AD7745_15 Datasheet HTML 14Page - Analog Devices AD7745_15 Datasheet HTML 15Page - Analog Devices AD7745_15 Datasheet HTML 16Page - Analog Devices AD7745_15 Datasheet HTML 17Page - Analog Devices AD7745_15 Datasheet HTML 18Page - Analog Devices AD7745_15 Datasheet HTML 19Page - Analog Devices AD7745_15 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7745/AD7746
Rev. 0 | Page 16 of 28
CAP SET-UP REGISTER
Address Pointer 0x07, Default Value 0x00
Capacitive channel setup.
Table 11. CAP Set-Up Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
CAPEN
CIN2
CAPDIFF
-
-
-
-
CAPCHOP
Default
0
0
0
0
0
0
0
0
Table 12.
Bit
Mnemonic
Description
7
CAPEN
CAPEN = 1 enables capacitive channel for single conversion, continuous conversion, or calibration.
6
CIN2
CIN2 = 1 switches the internal multiplexer to the second capacitive input on the AD7746.
5
CAPDIFF
DIFF = 1 sets differential mode on the selected capacitive input.
4-1
-
These bits must be 0 for proper operation.
0
CAPCHOP
The CAPCHOP bit should be set to 0 for the specified capacitive channel performance.
CAPCHOP = 1 approximately doubles the capacitive channel conversion times and slightly improves the
capacitive channel noise performance for the longest conversion times.
VT SET-UP REGISTER
Address Pointer 0x08, Default Value 0x00
Voltage/Temperature channel setup.
Table 13. VT Set-Up Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
VTEN
VTMD1
VTMD0
EXTREF
-
-
VTSHORT
VTCHOP
Default
0
0
0
0
0
0
0
0
Table 14.
Bit
Mnemonic
Description
7
VTEN
VTEN = 1 enables voltage/temperature channel for single conversion, continuous conversion, or calibration.
Voltage/temperature channel input configuration.
VTMD1
VTMD0
Channel Input
0
0
Internal temperature sensor
0
1
External temperature sensor diode
1
0
VDD monitor
6
5
VTMD1
VTMD0
1
1
External voltage input (VIN)
4
EXTREF
EXTREF = 1 selects an external reference voltage connected to REFIN(+), REFIN(–) for the voltage input or the
VDD monitor.
EXTREF = 0 selects the on-chip internal reference. The internal reference must be used with the internal
temperature sensor for proper operation.
3-2
-
These bits must be 0 for proper operation.
1
VTSHORT
VTSHORT = 1 internally shorts the voltage/temperature channel input for test purposes.
0
VTCHOP = 1
VTCHOP = 1 sets internal chopping on the voltage/temperature channel.
The VTCHOP bit must be set to 1 for the specified voltage/temperature channel performance.


Número de pieza similar - AD7745_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7745ARUZ AD-AD7745ARUZ Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ AD-AD7745ARUZ Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL AD-AD7745ARUZ-REEL Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL AD-AD7745ARUZ-REEL Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7745ARUZ-REEL7 AD-AD7745ARUZ-REEL7 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Descripción similar - AD7745_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7745 AD-AD7745 Datasheet
779Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com