Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7762 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7762
Descripción Electrónicos  625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7762_15 Datasheet HTML 4Page - Analog Devices AD7762_15 Datasheet HTML 5Page - Analog Devices AD7762_15 Datasheet HTML 6Page - Analog Devices AD7762_15 Datasheet HTML 7Page - Analog Devices AD7762_15 Datasheet HTML 8Page - Analog Devices AD7762_15 Datasheet HTML 9Page - Analog Devices AD7762_15 Datasheet HTML 10Page - Analog Devices AD7762_15 Datasheet HTML 11Page - Analog Devices AD7762_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD7762
Rev. A | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
DB13
46
DB14
45
DB15
42
DGND
43
DGND
44
VDRIVE
48
DB12
NOTES
1. CONNECT THE EXPOSED PAD TO AGNDx WITH SIX TO EIGHT VIAS.
41
DVDD
40
CS
39
RD/WR
37
RESET
36
SYNC
35
DGND
34
AGND1
33
AVDD1
38
DRDY
2
MCLKGND
3
MCLK
4
AVDD2
7
AGND1
6
AVDD1
5
AGND2
1
DGND
8
DECAPA
9
REFGND
10
VREF+
12
AVDD4
13
AGND2
14
AVDD2
15
AVDD2
16
AGND2
11
AGND4
PIN 1
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
AD7762
TOP VIEW
(Not to Scale)
Figure 4. 64-Lead TQFP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
6, 33
AVDD1
2.5 V Power Supply for Modulator. These pins should be decoupled to AGND1 with 100 nF and 10 µF
capacitors on each pin.
4, 14, 15, 27
AVDD2
5 V Power Supply. These pins should be decoupled to AGND2 with 100 nF capacitors on each of Pin 4,
Pin 14, and Pin 15. Pin 27 should be connected to Pin 14 via a 15 nH inductor.
24
AVDD3
3.3 V to 5 V Power Supply for Differential Amplifier. These pins should be decoupled to AGND3 with a
100 nF capacitor.
12
AVDD4
3.3 V to 5 V Power Supply for Reference Buffer. This pin should be decoupled to AGND4 with a
10 nF capacitor in series with a 10 Ω resistor.
7, 34
AGND1
Power Supply Ground for Analog Circuitry Powered by AVDD1.
5, 13, 16, 18, 28
AGND2
Power Supply Ground for Analog Circuitry Powered by AVDD2.
23, 29, 31, 32
AGND3
Power Supply Ground for Analog Circuitry Powered by AVDD3.
11
AGND4
Power Supply Ground for Analog Circuitry Powered by AVDD4.
9
REFGND
Reference Ground. Ground connection for the reference voltage.
41
DVDD
2.5 V Power Supply for Digital Circuitry and FIR Filter. This pin should be decoupled to DGND with a
100 nF capacitor.
44, 63
VDRIVE
Logic Power Supply Input, 1.8 V to 2.5 V. The voltage supplied at these pins determines the operating
voltage of the logic interface. Both these pins must be connected together and tied to the same supply.
Each pin should also be decoupled to DGND with a100 nF capacitor.
1, 35, 42, 43,
53, 62, 64
DGND
Ground Reference for Digital Circuitry.
19
VINA+
Positive Input to Differential Amplifier.
20
VINA−
Negative Input to Differential Amplifier.
21
VOUTA−
Negative Output from Differential Amplifier.
22
VOUTA+
Positive Output from Differential Amplifier.
25
VIN+
Positive Input to the Modulator.
26
VIN
Negative Input to the Modulator.


Número de pieza similar - AD7762_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7762 AD-AD7762_17 Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
More results

Descripción similar - AD7762_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7760 AD-AD7760_15 Datasheet
958Kb / 37P
   2.5 MSPS, 24-Bit, 100 dB Sigma-Delta ADC with On-Chip Buffer
REV. A
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7760 AD-AD7760_17 Datasheet
851Kb / 37P
   Sigma-Delta ADC with On-Chip Buffer
AD7762 AD-AD7762_17 Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com