Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7785 Datasheet(PDF) 8 Page - Analog Devices |
|
AD7785 Datasheet(HTML) 8 Page - Analog Devices |
8 / 32 page AD7785 Rev. 0 | Page 8 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating AVDD to GND −0.3 V to +7 V DVDD to GND −0.3 V to +7 V Analog Input Voltage to GND −0.3 V to AVDD + 0.3 V Reference Input Voltage to GND −0.3 V to AVDD + 0.3 V Digital Input Voltage to GND −0.3 V to DVDD + 0.3 V Digital Output Voltage to GND −0.3 V to DVDD + 0.3 V AIN/Digital Input Current 10 mA Operating Temperature Range −40°C to +105°C Storage Temperature Range −65°C to +150°C Maximum Junction Temperature 150°C TSSOP θJA Thermal Impedance 150.4°C/W θJC Thermal Impedance 27.6°C/W Lead Temperature, Soldering Reflow 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Número de pieza similar - AD7785_15 |
|
Descripción similar - AD7785_15 |