Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7843 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7843
Descripción Electrónicos  Touch Screen Digitizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7843_15 Datasheet HTML 7Page - Analog Devices AD7843_15 Datasheet HTML 8Page - Analog Devices AD7843_15 Datasheet HTML 9Page - Analog Devices AD7843_15 Datasheet HTML 10Page - Analog Devices AD7843_15 Datasheet HTML 11Page - Analog Devices AD7843_15 Datasheet HTML 12Page - Analog Devices AD7843_15 Datasheet HTML 13Page - Analog Devices AD7843_15 Datasheet HTML 14Page - Analog Devices AD7843_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD7843
Rev. B | Page 10 of 20
–120
–100
–80
–60
–40
–20
0
0
1020
3040
50
6070
8090
100
VCC RIPPLE FREQUENCY (kHz)
VCC = 3V, VREF = 2.5V
100mV p-p SINEWAVE ON +VCC
fSAMPLE = 125kHz, fIN = 20kHz
Figure 16. AC PSRR vs. Supply Ripple Frequency
Figure 16 shows the power supply rejection ratio versus VCC
supply frequency for the AD7843. The power supply rejection
ratio is defined as the ratio of the power in the ADC output at
full-scale frequency fS to the power of a 100 mV sine wave
applied to the ADC VCC supply of frequency fS:
PSRR (dB) = 10 log (Pf/Pfs)
where:
Pf is the power at frequency f in ADC output.
Pfs is the power at frequency fS coupled onto the ADC VCC
supply.
Here a 100 mV p-p sine wave is coupled onto the VCC supply.
Decoupling capacitors of 10 µF and 0.1 µF were used on the
supply.


Número de pieza similar - AD7843_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
More results

Descripción similar - AD7843_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com